Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66008P Datasheet (PDF) - Renesas Technology Corp

M66008P Datasheet PDF - Renesas Technology Corp
Part # M66008P
Download  M66008P Download

File Size   1289.11 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-BIT I/O EXPANDER

M66008P Datasheet (PDF)

Go To PDF Page Download Datasheet
M66008P Datasheet PDF - Renesas Technology Corp

Part # M66008P
Download  M66008P Click to download

File Size   1289.11 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-BIT I/O EXPANDER

M66008P Datasheet (HTML) - Renesas Technology Corp

M66008P Datasheet HTML 1Page - Renesas Technology Corp M66008P Datasheet HTML 2Page - Renesas Technology Corp M66008P Datasheet HTML 3Page - Renesas Technology Corp M66008P Datasheet HTML 4Page - Renesas Technology Corp M66008P Datasheet HTML 5Page - Renesas Technology Corp M66008P Datasheet HTML 6Page - Renesas Technology Corp M66008P Datasheet HTML 7Page - Renesas Technology Corp

M66008P Product details

DESCRIPTION
The M66008 is a semiconductor integrated circuit providing the 16-bit serial input-parallel output and parallel input-serial output shift register function. Independent built-in registers for serial input-parallel output and parallel input-serial output enable serial input data to be read into a shift register during output of serial data converted from parallel data. In addition, parallel data input/output pin can be placed in input or output mode in bits. The M66008 is widely applicable to I/O port extension for MCU, data communication of serial bus system, etc.

FEATURES
• Two-way serial data communication with MCU
• Reading of serial data during parallel-serial data conversion
• Division of I/O bit in parallel data input/output
• Low power consumption of 50 µW/package maximum
  (Vcc=5V, Ta=25°C at time of standstill)
• Schmitt triggered input (DI, CLK, S, CS)
• Open drain output (DO, D1~D16)
• With parallel data input/output (D1~D16)
• Wide operating supply voltage range (Vcc=2~6V)
• Wide operating temperature range (Ta=–20~75°C)

APPLICATION
  Parallel/serial data conversion for MCU periphery, serial bus control by parallel/serial data conversion MCU, etc.




Similar Part No. - M66008P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66008P MITSUBISHI-M66008P Datasheet
107Kb / 5P
   16-BIT I/O EXPANDER
More results


Similar Description - M66008P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66008P MITSUBISHI-M66008P Datasheet
107Kb / 5P
   16-BIT I/O EXPANDER
logo
Microchip Technology
MCP23016 MICROCHIP-MCP23016 Datasheet
569Kb / 38P
   16-Bit I2C??I/O Expander
2007
logo
ON Semiconductor
PCA9655E ONSEMI-PCA9655E_17 Datasheet
171Kb / 20P
   Remote 16-bit I/O Expander
March, 2017 ??Rev. 5
logo
Microchip Technology
MCP23016T-I MICROCHIP-MCP23016T-I Datasheet
424Kb / 38P
   16-Bit I2C I/O Expander
12/08/06
logo
ON Semiconductor
PCA9655E ONSEMI-PCA9655E Datasheet
170Kb / 20P
   Remote 16-bit I/O Expander
January, 2016 ??Rev. 4
logo
Princeton Technology Co...
PT8300 PTC-PT8300 Datasheet
56Kb / 4P
   16-Bit I/O Expander IC
PT8300 PTC-PT8300_10 Datasheet
427Kb / 19P
   16-Bit I/O Expander IC
logo
ON Semiconductor
PCA9535E ONSEMI-PCA9535E_15 Datasheet
180Kb / 20P
   16-bit Low-Power I/O Expander
October, 2015 ??Rev. 6
logo
Microchip Technology
MCP23017 MICROCHIP-MCP23017_16 Datasheet
879Kb / 42P
   16-Bit I/O Expander with Serial Interface
06/23/16
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
   12-BIT I/O EXPANDER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com