Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N1187 Datasheet (PDF) - Vishay Siliconix

1N1187 Datasheet PDF - Vishay Siliconix
Part # 1N1187
Download  1N1187 Download

File Size   274.18 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Silicon Rectifier Diodes, 35 A/40 A/60 A

1N1187 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N1187 Datasheet PDF - Vishay Siliconix

Part # 1N1187
Download  1N1187 Click to download

File Size   274.18 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Silicon Rectifier Diodes, 35 A/40 A/60 A

1N1187 Datasheet (HTML) - Vishay Siliconix

1N1187 Datasheet HTML 1Page - Vishay Siliconix 1N1187 Datasheet HTML 2Page - Vishay Siliconix 1N1187 Datasheet HTML 3Page - Vishay Siliconix 1N1187 Datasheet HTML 4Page - Vishay Siliconix 1N1187 Datasheet HTML 5Page - Vishay Siliconix 1N1187 Datasheet HTML 6Page - Vishay Siliconix

1N1187 Product details

DESCRIPTION/FEATURES
• Low leakage current series
• Good surge current capability up to 1000 A
• Can be supplied to meet stringent military, aerospace and other high reliability requirements
• Compliant to RoHS directive 2002/95/EC




Similar Part No. - 1N1187

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N1187 MICROSEMI-1N1187 Datasheet
128Kb / 2P
   Silicon Power Rectifier
logo
International Rectifier
1N1187 IRF-1N1187 Datasheet
377Kb / 5P
   35,40,and 60 Amp Power Silicon Rectifier Diodes
logo
Microsemi Corporation
1N1187 MICROSEMI-1N1187 Datasheet
132Kb / 2P
   Silicon Power Rectifier
logo
Vishay Siliconix
1N1187 VISHAY-1N1187 Datasheet
297Kb / 8P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 25-May-09
logo
New Jersey Semi-Conduct...
1N1187 NJSEMI-1N1187 Datasheet
298Kb / 2P
   Silicon Power Rectifier
More results


Similar Description - 1N1187

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N1190RA VISHAY-1N1190RA Datasheet
531Kb / 8P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 04-Dec-12
1N1183 VISHAY-1N1183_12 Datasheet
297Kb / 8P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 25-May-09
VS-1N1190 VISHAY-VS-1N1190 Datasheet
155Kb / 9P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 28-Jan-14
1N1188RA VISHAY-1N1188RA Datasheet
531Kb / 8P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 04-Dec-12
VS-1N1183 VISHAY-VS-1N1183_V01 Datasheet
147Kb / 7P
   Power Silicon Rectifier Diodes, (Stud Version), 35 A, 40 A, 60 A
01-Jan-2022
T40HF VISHAY-T40HF Datasheet
303Kb / 11P
   Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
Revision: 12-Jun-08
logo
ON Semiconductor
MBR40L60CT ONSEMI-MBR40L60CT Datasheet
126Kb / 5P
   SWITCHMODE??Power Rectifier 60 V, 40 A
December, 2008 ??Rev. 0
logo
Vishay Siliconix
T40HF VISHAY-T40HF_10 Datasheet
294Kb / 12P
   Power Rectifier Diodes (T-Modules), 40 A to 110 A
Revision: 20-May-10
logo
PHOENIX CONTACT
3241239 PHOENIX-3241239 Datasheet
50Kb / 2P
   Ferrule - A 35 -40
logo
Vishay Siliconix
1N1199A VISHAY-1N1199A_12 Datasheet
152Kb / 6P
   Medium Power Silicon Rectifier Diodes, 12 A
Revision: 24-Jun-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com