Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6338 Datasheet (PDF) - Mospec Semiconductor

2N6338 Datasheet PDF - Mospec Semiconductor
Part # 2N6338
Download  2N6338 Download

File Size   128.77 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTOR(25A,200W)

2N6338 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6338 Datasheet PDF - Mospec Semiconductor

Part # 2N6338
Download  2N6338 Click to download

File Size   128.77 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTOR(25A,200W)

2N6338 Datasheet (HTML) - Mospec Semiconductor

2N6338 Datasheet HTML 1Page - Mospec Semiconductor 2N6338 Datasheet HTML 2Page - Mospec Semiconductor 2N6338 Datasheet HTML 3Page - Mospec Semiconductor

2N6338 Product details

25 AMPERE POWER TRANSISTOR NPN SILICON 100-150 VOLTS 200 WATTS




Similar Part No. - 2N6338

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
logo
Quanzhou Jinmei Electro...
2N6338 JMNIC-2N6338 Datasheet
160Kb / 3P
   Silicon NPN Power Transistors
logo
Boca Semiconductor Corp...
2N6338 BOCA-2N6338 Datasheet
134Kb / 3P
   HIGH-POWER NPN SILICON TRANSISTORS
logo
ON Semiconductor
2N6338 ONSEMI-2N6338 Datasheet
66Kb / 4P
   High-Power NPN Silicon Transistors
May, 2001 ??Rev. 10
logo
Microsemi Corporation
2N6338 MICROSEMI-2N6338 Datasheet
57Kb / 2P
   NPN POWER SILICON TRANSISTOR
More results


Similar Description - 2N6338

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5883 MOSPEC-2N5883 Datasheet
183Kb / 4P
   POWER TRANSISTORS(25A,200W)
2N6436 MOSPEC-2N6436 Datasheet
191Kb / 4P
   POWER TRANSISTORS(25A,200W)
2SD1313 MOSPEC-2SD1313 Datasheet
121Kb / 3P
   POWER TRANSISTORS(25A,350V,200W)
logo
M/A-COM Technology Solu...
NPT1007 MA-COM-NPT1007_15 Datasheet
1,018Kb / 7P
   200W RF Power Transistor
logo
Mospec Semiconductor
2SC3858 MOSPEC-2SC3858 Datasheet
125Kb / 3P
   POWER TRANSISTOR(17A,200V,200W)
logo
M/A-COM Technology Solu...
NPT1007 MA-COM-NPT1007 Datasheet
1,018Kb / 7P
   Gallium Nitride 28V, 200W RF Power Transistor
logo
List of Unclassifed Man...
NPT1007 ETC2-NPT1007 Datasheet
1,018Kb / 7P
   Gallium Nitride 28V, 200W RF Power Transistor
logo
Mospec Semiconductor
2N4398 MOSPEC-2N4398 Datasheet
158Kb / 4P
   POWER TRANSISTORS(200W)
logo
Alpha & Omega Semicondu...
AOB25S65 AOSMD-AOB25S65 Datasheet
317Kb / 7P
   650V 25A a MOS Power Transistor
logo
LinkCom Manufacturing C...
200W-LCCH LINKCOM-200W-LCCH Datasheet
456Kb / 3P
   200W Power Supply
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com