Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA25PB60 Datasheet (PDF) - Vishay Siliconix

HFA25PB60 Datasheet PDF - Vishay Siliconix
Part # HFA25PB60
Download  HFA25PB60 Download

File Size   203.8 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Soft Recovery Diode, 25 A

HFA25PB60 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA25PB60 Datasheet PDF - Vishay Siliconix

Part # HFA25PB60
Download  HFA25PB60 Click to download

File Size   203.8 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Soft Recovery Diode, 25 A

HFA25PB60 Datasheet (HTML) - Vishay Siliconix

HFA25PB60 Datasheet HTML 1Page - Vishay Siliconix HFA25PB60 Datasheet HTML 2Page - Vishay Siliconix HFA25PB60 Datasheet HTML 3Page - Vishay Siliconix HFA25PB60 Datasheet HTML 4Page - Vishay Siliconix HFA25PB60 Datasheet HTML 5Page - Vishay Siliconix HFA25PB60 Datasheet HTML 6Page - Vishay Siliconix HFA25PB60 Datasheet HTML 7Page - Vishay Siliconix

HFA25PB60 Product details

DESCRIPTION
HFA25PB60 is a state of the art ultrafast recovery diode. Employing the latest in epitaxial construction and advanced processing techniques it features a superb combination of characteristics which result in performance which is unsurpassed by any rectifier previously available. With basic ratings of 600 V and 25 A continuous current, the HFA25PB60 is especially well suited for use as the companion diode for IGBTs and MOSFETs. In addition to ultrafast recovery time, the HEXFRED® product line features extremely low values of peak recovery current (IRRM) and does not exhibit any tendency to “snap-off” during the tb portion of recovery. The HEXFRED features combine to offer designers a rectifier with lower noise and significantly lower switching losses in both the diode and the switching transistor. These HEXFRED advantages can help to significantly reduce snubbing, component count and heatsink sizes. The HEXFRED HFA25PB60 is ideally suited for applications in power supplies and power conversion systems (such as inverters), motor drives, and many other similar applications where high speed, high efficiency is needed.

FEATURES
• Ultrafast recovery
• Ultrasoft recovery
• Very low IRRM
• Very low Qrr
• Specified at operating conditions
• Designed and qualified for industrial level

BENEFITS
• Reduced RFI and EMI
• Reduced power loss in diode and switching transistor
• Higher frequency operation
• Reduced snubbing
• Reduced parts count




Similar Part No. - HFA25PB60

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA25PB60 IRF-HFA25PB60 Datasheet
211Kb / 6P
   Ultrafast, Soft Recovery Diode
logo
Vishay Siliconix
HFA25PB60 VISHAY-HFA25PB60 Datasheet
638Kb / 7P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 25-Jul-08
logo
International Rectifier
HFA25PB60PBF IRF-HFA25PB60PBF Datasheet
207Kb / 6P
   ultrafast, soft recovery diode
logo
Vishay Siliconix
HFA25PB60PBF VISHAY-HFA25PB60PBF Datasheet
638Kb / 7P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 25-Jul-08
HFA25PB60PBF VISHAY-HFA25PB60PBF Datasheet
189Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 25 A
Revision: 23-May-11
More results


Similar Description - HFA25PB60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA25TB60S VISHAY-HFA25TB60S Datasheet
176Kb / 6P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 22-Oct-08
HFA25PB60PBF VISHAY-HFA25PB60PBF Datasheet
638Kb / 7P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 25-Jul-08
HFA25TB60SPBF VISHAY-HFA25TB60SPBF Datasheet
179Kb / 6P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 22-Oct-08
HFA25TB60 VISHAY-HFA25TB60 Datasheet
195Kb / 6P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 30-Jul-08
HFA25TB60PBF VISHAY-HFA25TB60PBF Datasheet
186Kb / 6P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 25-Jul-08
VS-HFA25TB60-M3 VISHAY-VS-HFA25TB60-M3 Datasheet
198Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 25 A
Revision: 23-Nov-17
HFA25PB60PBF VISHAY-HFA25PB60PBF_11 Datasheet
189Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 25 A
Revision: 23-May-11
VSHFA25TB60HN3 VISHAY-VSHFA25TB60HN3 Datasheet
214Kb / 8P
   HEXFRED® Ultrafast Soft Recovery Diode, 25 A
Revision: 06-Jun-2018
VS-HFA25TB60-M3 VISHAY-VS-HFA25TB60-M3_V01 Datasheet
211Kb / 7P
   HEXFRED짰 Ultrafast Soft Recovery Diode, 25 A
01-Jan-2022
VS-HFA25TB60S-M3 VISHAY-VS-HFA25TB60S-M3_V01 Datasheet
210Kb / 8P
   HEXFRED짰 Ultrafast Soft Recovery Diode, 25 A
01-Jan-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com