Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z202 Datasheet (PDF) - Vishay Siliconix

Z202 Datasheet PDF - Vishay Siliconix
Part # Z202
Download  Z202 Download

File Size   103.98 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 %

Z202 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z202 Datasheet PDF - Vishay Siliconix

Part # Z202
Download  Z202 Click to download

File Size   103.98 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 %

Z202 Datasheet (HTML) - Vishay Siliconix

Z202 Datasheet HTML 1Page - Vishay Siliconix Z202 Datasheet HTML 2Page - Vishay Siliconix Z202 Datasheet HTML 3Page - Vishay Siliconix Z202 Datasheet HTML 4Page - Vishay Siliconix

Z202 Product details

Any value at any tolerance available with resistance range



The Z202 is a miniaturized version of the now famous Z201. It is made with a Bulk Metal® Z-Foil element so it retains all of the inherent performance of Z-Foil resistors.

The Z-Foil technology provides a significant reduction of the resistive component’s sensitivity to ambient temperature variations (TCR) and applied power changes (PCR). Designers can now guarantee a high degree of stability and accuracy in fixed-resistor applications using solutions based on Vishay’s revolutionary Z-Foil technology.



FEATURES

• Temperature coefficient of resistance (TCR):

   ± 0.05 ppm/°C typical (0 °C to + 60 °C);

   ± 0.2 ppm/°C typical (- 55 °C to + 125 °C,

   + 25 °C ref.)

• Tolerance: to ± 0.01 %

• Power coefficient of resistance (PCR) “ΔR due to self heating”: ± 5 ppm at rated rower

• Electrostatic discharge (ESD) above 25 000 V

• Resistance range: 5 Ω to 30 kΩ (for higher or lower values, please contact us)

• Power rating: 0.25 W at + 70 °C; 0.125 W at + 125 °C

• Load life stability: ± 0.01 % maximum ΔR at + 70 °C at Rated power for 2000 h

• Non inductive, non capacitive design

• Current noise: - 40 dB

• Thermal EMF: < 0.1 µV/°C

• Voltage coefficient: < 0.1 ppm/V

• Non inductive: < 0.08 µH

• Non hot spot design

• Maximum working voltage: 250 V

• Terminal finishes available: lead (Pb)-free

                                    tin/lead alloy

• Any value available within resistance range (e.g. 1K234)

• Prototype samples available from 48 h. For more information, please contact foil@vishay.com

• For better performances, please see Z201 datasheet



 




Similar Part No. - Z202

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Z2022 ETC2-Z2022 Datasheet
1Mb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
Z2022U ETC2-Z2022U Datasheet
1Mb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
Z2027 ETC2-Z2027 Datasheet
1Mb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
Z2027U ETC2-Z2027U Datasheet
1Mb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
Z202A ETC2-Z202A Datasheet
131Kb / 4P
   METRAport 3A Folding Analog Multimeter
More results


Similar Description - Z202

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSA101 VISHAY-VSA101 Datasheet
120Kb / 5P
   Ultra High Precision Axial Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power
Revision: 03-Nov-08
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
   Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 19-Apr-07
VFCP VISHAY-VFCP Datasheet
130Kb / 5P
   Ultra High Precision Z-Foil Flip Chip Resistor with TCR of ± 0.05 ppm/°C, 35 % Space Saving versus Wraparound Design and PCR of 5 ppm at Rated Power
Revision: 28-Jun-07
VFCP VISHAY-VFCP_V01 Datasheet
231Kb / 5P
   Ultra High-Precision Z-Foil Flip Chip Resistor with TCR of ±0.05 ppm/°C, 35% Space Saving vs. Wraparound Design and PCR of 5 ppm at Rated Power
04-Nov-2013
VCS232Z VISHAY-VCS232Z_08 Datasheet
113Kb / 4P
   Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of 짹 0.05 ppm/째C,PCR of 5ppm at Rated Power and Tolerance of 짹0.02%
Revision: 16-Apr-07
VPR221Z VISHAY-VPR221Z Datasheet
114Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 16-Jul-07
Y16251K00000T9R VISHAY-Y16251K00000T9R Datasheet
851Kb / 5P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 0.05 ppm/°C and Power Coefficient of 5 ppm at Rated Power and Load Life Stability of ± 0.005 % (50 ppm)
Revision: 29-Oct-2012
VSMP VISHAY-VSMP Datasheet
138Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at
Revision: 18-Sep-08
VPR220Z VISHAY-VPR220Z Datasheet
100Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C, Tolerance to ± 0.01 % and Power Rating to 8 W
Revision: 22-Sep-08
VPR221SZ VISHAY-VPR221SZ Datasheet
118Kb / 5P
   Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 11-Jun-07
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com