Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70TPS12 Datasheet (PDF) - Vishay Siliconix

70TPS12 Datasheet PDF - Vishay Siliconix
Part # 70TPS12
Download  70TPS12 Download

File Size   112.33 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Phase Control SCR, 70 A

70TPS12 Datasheet (PDF)

Go To PDF Page Download Datasheet
70TPS12 Datasheet PDF - Vishay Siliconix

Part # 70TPS12
Download  70TPS12 Click to download

File Size   112.33 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Phase Control SCR, 70 A

70TPS12 Datasheet (HTML) - Vishay Siliconix

70TPS12 Datasheet HTML 1Page - Vishay Siliconix 70TPS12 Datasheet HTML 2Page - Vishay Siliconix 70TPS12 Datasheet HTML 3Page - Vishay Siliconix 70TPS12 Datasheet HTML 4Page - Vishay Siliconix 70TPS12 Datasheet HTML 5Page - Vishay Siliconix 70TPS12 Datasheet HTML 6Page - Vishay Siliconix 70TPS12 Datasheet HTML 7Page - Vishay Siliconix

70TPS12 Product details

DESCRIPTION/FEATURES

The 70TPS.. High Voltage Series of silicon controlled rectifiers are specifically designed for high and medium power switching and phase control applications.

Typical applications are in input rectification (soft start) or AC-switches or high current crow-bar as well as others phase-control circuits.

These products are designed to be used with Vishay HPP input diodes, switches and output rectifiers which are available in identical package outlines. This product has been designed and qualified for industrial level.



 




Similar Part No. - 70TPS12

ManufacturerPart #DatasheetDescription
logo
International Rectifier
70TPS12 IRF-70TPS12 Datasheet
135Kb / 7P
   PHASE CONTROL SCR
logo
Vishay Siliconix
70TPS12 VISHAY-70TPS12 Datasheet
134Kb / 8P
   Phase Control SCR, 70 A
Revision: 07-Dec-10
70TPS12 VISHAY-70TPS12 Datasheet
97Kb / 7P
   Phase Control SCR, 70 A
Revision: 02-Jun-08
logo
Inchange Semiconductor ...
70TPS12 ISC-70TPS12 Datasheet
225Kb / 1P
   isc Thyristors
logo
Vishay Siliconix
70TPS12PBF VISHAY-70TPS12PBF Datasheet
116Kb / 7P
   Phase Control SCR, 70 A
Revision: 06-Jun-08
More results


Similar Description - 70TPS12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
70TPS VISHAY-70TPS Datasheet
97Kb / 7P
   Phase Control SCR, 70 A
Revision: 02-Jun-08
70TPS12PBF VISHAY-70TPS12PBF_10 Datasheet
134Kb / 8P
   Phase Control SCR, 70 A
Revision: 07-Dec-10
70TPS12PBF VISHAY-70TPS12PBF Datasheet
116Kb / 7P
   Phase Control SCR, 70 A
Revision: 06-Jun-08
VS-70TPS12PBF VISHAY-VS-70TPS12PBF_V01 Datasheet
166Kb / 8P
   Thyristor High Voltage, Phase Control SCR, 70 A
01-Jan-2022
10TTS08 VISHAY-10TTS08 Datasheet
131Kb / 6P
   Phase Control SCR, 10 A
Revision: 19-Jun-08
12TTS08SPBF VISHAY-12TTS08SPBF Datasheet
139Kb / 7P
   Phase Control SCR, 8 A
Revision: 06-Jun-08
40TPS12A VISHAY-40TPS12A Datasheet
145Kb / 7P
   Phase Control SCR, 35 A
Revision: 12-Sep-08
25TTSPBF VISHAY-25TTSPBF Datasheet
152Kb / 7P
   Phase Control SCR, 25 A
Revision: 11-Aug-08
40TPS16PBF VISHAY-40TPS16PBF Datasheet
140Kb / 7P
   Phase Control SCR, 35 A
Revision: 06-Jun-08
10TTS08PBF VISHAY-10TTS08PBF Datasheet
138Kb / 6P
   Phase Control SCR, 10 A
Revision: 26-May-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com