Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30CPT100 Datasheet (PDF) - Vishay Siliconix

30CPT100 Datasheet PDF - Vishay Siliconix
Part # 30CPT100
Download  30CPT100 Download

File Size   116.11 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Performance Schottky Generation 5.0, 2 x 15 A

30CPT100 Datasheet (PDF)

Go To PDF Page Download Datasheet
30CPT100 Datasheet PDF - Vishay Siliconix

Part # 30CPT100
Download  30CPT100 Click to download

File Size   116.11 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Performance Schottky Generation 5.0, 2 x 15 A

30CPT100 Datasheet (HTML) - Vishay Siliconix

30CPT100 Datasheet HTML 1Page - Vishay Siliconix 30CPT100 Datasheet HTML 2Page - Vishay Siliconix 30CPT100 Datasheet HTML 3Page - Vishay Siliconix 30CPT100 Datasheet HTML 4Page - Vishay Siliconix 30CPT100 Datasheet HTML 5Page - Vishay Siliconix 30CPT100 Datasheet HTML 6Page - Vishay Siliconix 30CPT100 Datasheet HTML 7Page - Vishay Siliconix



Similar Part No. - 30CPT100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30CPT100 VISHAY-30CPT100 Datasheet
147Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 07-Oct-08
30CPT100 VISHAY-30CPT100_12 Datasheet
147Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 07-Oct-08
More results


Similar Description - 30CPT100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30CTT050-F VISHAY-30CTT050-F Datasheet
151Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 01-Oct-09
30CTT100 VISHAY-30CTT100 Datasheet
115Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 19-Feb-08
30CTT045 VISHAY-30CTT045_12 Datasheet
149Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 07-Oct-08
30CTT045 VISHAY-30CTT045 Datasheet
115Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 07-Oct-08
30CPT100 VISHAY-30CPT100_12 Datasheet
147Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 07-Oct-08
30CTT100 VISHAY-30CTT100_12 Datasheet
149Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 07-Oct-08
15TT100 VISHAY-15TT100 Datasheet
146Kb / 8P
   High Performance Schottky Generation 5.0, 15 A
Revision: 04-Aug-08
60CPT045 VISHAY-60CPT045 Datasheet
115Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 30 A
Revision: 07-Oct-08
MBR20T100CT VISHAY-MBR20T100CT Datasheet
116Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 10 A
Revision: 15-Oct-08
6CUT10-E VISHAY-6CUT10-E_12 Datasheet
136Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 3 A
Revision: 03-Nov-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com