Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5S16 Datasheet (PDF) - Vishay Siliconix

SM5S16 Datasheet PDF - Vishay Siliconix
Part # SM5S16
Download  SM5S16 Download

File Size   103.92 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount Automotive Transient Voltage Suppressors

SM5S16 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5S16 Datasheet PDF - Vishay Siliconix

Part # SM5S16
Download  SM5S16 Click to download

File Size   103.92 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount Automotive Transient Voltage Suppressors

SM5S16 Datasheet (HTML) - Vishay Siliconix

SM5S16 Datasheet HTML 1Page - Vishay Siliconix SM5S16 Datasheet HTML 2Page - Vishay Siliconix SM5S16 Datasheet HTML 3Page - Vishay Siliconix SM5S16 Datasheet HTML 4Page - Vishay Siliconix SM5S16 Datasheet HTML 5Page - Vishay Siliconix

SM5S16 Product details

Stand-off Voltage 10 to 36V
Peak Pulse Power 3600W (10/1000µs)
2800W (10/10,000µs)

Features
• Ideally suited for load dump protection
• Plastic package has Underwriters Laboratory Flammability Classification 94V-0
• High temperature stability due to unique oxide passivation and patented PAR®construction
• Integrally molded heatsink provides a very low thermal resistance for maximum heat dissipation
• Low leakage current at TJ= 175°C
• High temperature soldering guaranteed: 260°C for 10 seconds at terminals
• Meets ISO7637-2 surge spec.
• Low forward voltage drop




Similar Part No. - SM5S16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM5S16 VISHAY-SM5S16 Datasheet
27Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
06-May-02
SM5S16 VISHAY-SM5S16 Datasheet
87Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
logo
Shenzhen Luguang Electr...
SM5S16 LUGUANG-SM5S16 Datasheet
49Kb / 3P
   Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
SM5S16 VISHAY-SM5S16 Datasheet
87Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 14-Sep-11
logo
Yangzhou yangjie electr...
SM5S16A YANGJIE-SM5S16A Datasheet
265Kb / 5P
   Surface Mount Transient Voltage Suppressors
More results


Similar Description - SM5S16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM8S VISHAY-SM8S Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
3KASMC10 VISHAY-3KASMC10_08 Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
SM5A27 VISHAY-SM5A27 Datasheet
104Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
SM5S VISHAY-SM5S Datasheet
27Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
06-May-02
SM6S VISHAY-SM6S Datasheet
42Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
01-Aug-02
TPSMB43A VISHAY-TPSMB43A Datasheet
102Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 10-May-07
logo
Shanghai Shunye Electro...
SM5S36A SHUNYE-SM5S36A Datasheet
656Kb / 2P
   Surface Mount Automotive Transient Voltage Suppressors
SM8S10 SY-SM8S10 Datasheet
198Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
SM8S10ACA SUNMATE-SM8S10ACA Datasheet
2Mb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Shunye Electro...
SM8S43 SHUNYE-SM8S43 Datasheet
217Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
TPC43A VISHAY-TPC43A Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 04-Aug-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com