Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDE1798 Datasheet (PDF) - STMicroelectronics

TDE1798 Datasheet PDF - STMicroelectronics
Part # TDE1798
Download  TDE1798 Download

File Size   174.14 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 0.5A INTELLIGENT POWER SWITCH

TDE1798 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDE1798 Datasheet PDF - STMicroelectronics

Part # TDE1798
Download  TDE1798 Click to download

File Size   174.14 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 0.5A INTELLIGENT POWER SWITCH

TDE1798 Datasheet (HTML) - STMicroelectronics

Back Button TDE1798 Datasheet HTML 1Page - STMicroelectronics TDE1798 Datasheet HTML 2Page - STMicroelectronics TDE1798 Datasheet HTML 3Page - STMicroelectronics TDE1798 Datasheet HTML 4Page - STMicroelectronics TDE1798 Datasheet HTML 5Page - STMicroelectronics TDE1798 Datasheet HTML 6Page - STMicroelectronics TDE1798 Datasheet HTML 7Page - STMicroelectronics TDE1798 Datasheet HTML 8Page - STMicroelectronics TDE1798 Datasheet HTML 9Page - STMicroelectronics TDE1798 Datasheet HTML 10Page - STMicroelectronics Next Button 

TDE1798 Product details

DESCRIPTION

The TDE1798 is an interface circuit delivering high currents and capable of driving any type of loads.



HIGH OUTPUT CURRENT 500mA

SHORT-CIRCUIT PROTECTION UP TO VCC = +35V

INTERNAL THERMAL PROTECTION WITH EXTERNAL RESET AND SYNCRONIZATION CAPABILITY

OPEN GROUND PROTECTION

OUTPUT VOLTAGE CAN BE LOWER THAN GROUND FOR FAST INDUCTIVE LOAD DE MAGNETIZATION

DIFFERENTIAL INPUTS FOR ANY LOGIC SYSTEM COMPATIBILITY

INPUT VOLTAGE CAN BE HIGHER THAN VCC

LARGE SUPPLY VOLTAGE RANGE FROM 6V TO 35V

SINK AND SOURCE ALARM OUTPUTS

NO NEED FOR EXTERNAL CLAMPING DIODE FOR DEMAGNETIZATION ENERGY UP TO 150mJ

SEVERAL DEVICES CAN BE CONNECTED IN PARALLEL


 




Similar Part No. - TDE1798

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDE1798 STMICROELECTRONICS-TDE1798 Datasheet
1Mb / 14P
   0.5A INTELLIGENT POWER SWITCH
TDE1798 STMICROELECTRONICS-TDE1798_03 Datasheet
1Mb / 14P
   0.5A INTELLIGENT POWER SWITCH
More results


Similar Description - TDE1798

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDE1798 STMICROELECTRONICS-TDE1798_03 Datasheet
1Mb / 14P
   0.5A INTELLIGENT POWER SWITCH
L6375 STMICROELECTRONICS-L6375 Datasheet
84Kb / 12P
   0.5A INDUSTRIAL INTELLIGENT POWER SWITCH
L6377 STMICROELECTRONICS-L6377 Datasheet
91Kb / 11P
   0.5A HIGH-SIDE DRIVER INTELLIGENT POWER SWITCH
TDE1897C STMICROELECTRONICS-TDE1897C Datasheet
121Kb / 12P
   0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
L6375S STMICROELECTRONICS-L6375S Datasheet
465Kb / 17P
   0.5A high-side driver industrial intelligent power switch
TDE1897R STMICROELECTRONICS-TDE1897R_03 Datasheet
1Mb / 12P
   0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
TDE1897R STMICROELECTRONICS-TDE1897R Datasheet
121Kb / 12P
   0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
L6376 STMICROELECTRONICS-L6376 Datasheet
123Kb / 12P
   0.5A HIGH-SIDE DRIVER QUAD INTELLIGENT POWER SWITCH
TDE1897C STMICROELECTRONICS-TDE1897C_03 Datasheet
1Mb / 12P
   0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
L6375D STMICROELECTRONICS-L6375D Datasheet
330Kb / 16P
   0.5A high-side driver industrial intelligent power switch
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com