Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
2SC1060
(1)
2SC1061
(3)
2SC1061 - POWER TRANSISTORS(3.0A,50V,25W) - Mospec Semiconductor
Click Here View
2SC1061
Datasheet
Part No.
2SC1061
Description
POWER TRANSISTORS(3.0A,50V,25W)
Download
2SC1061
Click here
to View
File Size
110.81 Kbytes / 3 Pages
Maker
MOSPEC [Mospec Semiconductor]
Homepage
http://www.mospec.com.tw/
Related Electronics Part Number
Part Number
Components Description
Manufacturer
2SA1012
POWER
TRANSISTORS
5A
50V
25W
Mospec Semiconductor
2SA671
POWER
TRANSISTORS
3.0A
50V
25W
Mospec Semiconductor
MRF553
RF
&
MICROWAVE
DISCRETE
LOW
POWER
TRANSISTORS
Microsemi Corporation
NTE1818
Integrated
Circuit
Module
AF
PO
25W/Ch
Dual
Power
Supply
NTE Electronics
PH3135-25S
Radar
Pulsed
Power
Transistor
25W
2ms
Pulse
10%
Duty
3.1-3.5GHz
Tyco Electronics
SD1564
RF
&
MICROWAVE
TRANSISTORS
UHF
PULSE
POWER
Microsemi Corporation
2SB826
POWER
TRANSISTORS
12A
50V
40W
Mospec Semiconductor
2SD1760
Power
Transistor
50V
3A
Rohm
BUZ11
30A
50V
0.040
Ohm
N-Channel
Power
MOSFET
Intersil Corporation
MRF6S9045
RF
Power
Field
Effect
Transistors
Freescale Semiconductor, Inc
Link URL :
Related keyword
2SC1061 Datasheet
2SC1061 Cross Reference
2SC1061 Schematic
2SC1061 Distributor
2SC1061 Datenblatt
2SC1061 RoHS
2SC1061 Equivalent
2SC1061 Application Notes
2SC1061 Data Sheet
2SC1061 components
2SC1061 Fiche Technique
2SC1061 Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer