Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L-0805N1R60FBBS Datasheet (PDF) - Vishay Siliconix

L-0805N1R60FBBS Datasheet PDF - Vishay Siliconix
Part # L-0805N1R60FBBS
Download  L-0805N1R60FBBS Download

File Size   130.14 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Value (0.03 Ω to 10 Ω) Thin Film Chip Resistors

L-0805N1R60FBBS Datasheet (PDF)

Go To PDF Page Download Datasheet
L-0805N1R60FBBS Datasheet PDF - Vishay Siliconix

Part # L-0805N1R60FBBS
Download  L-0805N1R60FBBS Click to download

File Size   130.14 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Value (0.03 Ω to 10 Ω) Thin Film Chip Resistors

L-0805N1R60FBBS Datasheet (HTML) - Vishay Siliconix

L-0805N1R60FBBS Datasheet HTML 1Page - Vishay Siliconix L-0805N1R60FBBS Datasheet HTML 2Page - Vishay Siliconix L-0805N1R60FBBS Datasheet HTML 3Page - Vishay Siliconix



Similar Part No. - L-0805N1R60FBBS

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L-08401G-B5 LIGITEK-L-08401G-B5 Datasheet
276Kb / 1P
   BACKLIGHT
More results


Similar Description - L-0805N1R60FBBS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCWE VISHAY-RCWE_V01 Datasheet
115Kb / 5P
   Thick Film Surface Mount Chip Resistors,Wraparound, Extremely Low Value (0.01 Ω to 0.976 Ω)
01-Jan-2022
LNS VISHAY-LNS Datasheet
94Kb / 4P
   Low Value (0.03 ohm to 10 ohm) Thin Film Resistor, Surface Mount Chip
Revision: 13-Mar-15
CS22 VISHAY-CS22_15 Datasheet
76Kb / 3P
   Single Value Wirebondable Thin Film Chip Resistors
Revision: 21-Nov-13
WSLS2512 VISHAY-WSLS2512 Datasheet
125Kb / 3P
   Improved Stability (0.25 % and 0.5 %), Power Metal Strip® Resistors Low Value (0.01 Ω to 0.1 Ω), Surface Mount
Revision: 06-Oct-08
WSL12067L000FEA VISHAY-WSL12067L000FEA Datasheet
86Kb / 3P
   Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
Revision: 06-Jun-12
WSR VISHAY-WSR Datasheet
237Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 26-Mar-07
WSL VISHAY-WSL Datasheet
119Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 10-Nov-08
WSL25123L000FTB VISHAY-WSL25123L000FTB Datasheet
86Kb / 3P
   Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
Revision: 06-Jun-12
WSR21R000FEA VISHAY-WSR21R000FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 01-Jul-09
WSL2512R0200FTB VISHAY-WSL2512R0200FTB Datasheet
86Kb / 3P
   Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
Revision: 06-Jun-12
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com