Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VPA1 Datasheet (PDF) - Vectron International, Inc

VPA1 Datasheet PDF - Vectron International, Inc
Part # VPA1
Download  VPA1 Download

File Size   132.26 Kbytes
Page   2 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description VPA1 14 Pin Dip Crystal Oscillators

VPA1 Datasheet (PDF)

Go To PDF Page Download Datasheet
VPA1 Datasheet PDF - Vectron International, Inc

Part # VPA1
Download  VPA1 Click to download

File Size   132.26 Kbytes
Page   2 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description VPA1 14 Pin Dip Crystal Oscillators

VPA1 Datasheet (HTML) - Vectron International, Inc

VPA1 Datasheet HTML 1Page - Vectron International, Inc VPA1 Datasheet HTML 2Page - Vectron International, Inc



Similar Part No. - VPA1

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VPA1-B1B-40M000 VECTRON-VPA1-B1B-40M000 Datasheet
133Kb / 2P
   VPA1 14 Pin Dip Crystal Oscillators
logo
Sanyo Semicon Device
VPA10 SANYO-VPA10 Datasheet
350Kb / 2P
   Hybrid intergrated circuits/with FBET/LSBT process chips/Wide bandwidth video output ICs
logo
Renesas Technology Corp
VPA1000 RENESAS-VPA1000 Datasheet
638Kb / 13P
   Low Voltage 0.5x Regulated Step Down Charge Pump
January 21, 2010
VPA1000DYGI-12 RENESAS-VPA1000DYGI-12 Datasheet
638Kb / 13P
   Low Voltage 0.5x Regulated Step Down Charge Pump
January 21, 2010
VPA1000DYGI-128 RENESAS-VPA1000DYGI-128 Datasheet
638Kb / 13P
   Low Voltage 0.5x Regulated Step Down Charge Pump
January 21, 2010
More results


Similar Description - VPA1

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VPA1-B1B-40M000 VECTRON-VPA1-B1B-40M000 Datasheet
133Kb / 2P
   VPA1 14 Pin Dip Crystal Oscillators
VCA3-203 VECTRON-VCA3-203 Datasheet
120Kb / 2P
   VCA3-203, 205 14 Pin Dip Crystal Oscillators
logo
Wolfgang Knap
NFTL WK-NFTL Datasheet
58Kb / 1P
   14-PIN DIP TTL OSCILLATORS
NFB WK-NFB Datasheet
70Kb / 1P
   14-PIN DIP TRI-STATE ENABLE/DISABLE OSCILLATORS
logo
Connor-Winfield Corpora...
HTF546A CONNOR-WINFIELD-HTF546A Datasheet
163Kb / 2P
   5.0V HCMOS TCXO 14 Pin DIP Crystal Oscillator
HTFL2-20.00M CONNOR-WINFIELD-HTFL2-20.00M Datasheet
117Kb / 2P
   3.3V HCMOS TCXO 14 Pin DIP Crystal Oscillator
HTFL530 CONNOR-WINFIELD-HTFL530 Datasheet
103Kb / 2P
   3.3V 14 Pin DIP LVCMOS TCXO Crystal Oscillator
HTV2A-27.0M CONNOR-WINFIELD-HTV2A-27.0M Datasheet
208Kb / 2P
   5.0V HCMOS VCTCXO 14 Pin DIP Crystal Oscillator
logo
Abracon Corporation
ASSO ABRACON-ASSO Datasheet
136Kb / 2P
   5.0VDC or 3.3VDC 14 PIN DIP HCMOS/ TTL LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS
Rev. 2.4 05/2003
logo
Connor-Winfield Corpora...
HC15R5A CONNOR-WINFIELD-HC15R5A Datasheet
205Kb / 2P
   3.3V LVCMOS 14 PIN DIP CRYSTAL CLOCK OSCILLATOR
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com