Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM31CR60J476M Datasheet (PDF) - Murata Manufacturing Co., Ltd.

GRM31CR60J476M Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # GRM31CR60J476M
Download  GRM31CR60J476M Download

File Size   35.91 Kbytes
Page   1 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description Chip Monolithic Ceramic Capacitor 1206 X5R 47關F 6.3V

GRM31CR60J476M Datasheet (PDF)

Go To PDF Page Download Datasheet
GRM31CR60J476M Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # GRM31CR60J476M
Download  GRM31CR60J476M Click to download

File Size   35.91 Kbytes
Page   1 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description Chip Monolithic Ceramic Capacitor 1206 X5R 47關F 6.3V

GRM31CR60J476M Datasheet (HTML) - Murata Manufacturing Co., Ltd.

GRM31CR60J476M Datasheet HTML 1Page - Murata Manufacturing Co., Ltd.



Similar Part No. - GRM31CR60J476M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
GRM31CR60J476M RICHTEK-GRM31CR60J476M Datasheet
283Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
logo
Semtech Corporation
GRM31CR60J476M SEMTECH-GRM31CR60J476M Datasheet
1Mb / 23P
   Dual Channel 2.5MHz, 1.7A Synchronous Buck Regulator
logo
Richtek Technology Corp...
GRM31CR60J476M RICHTEK-GRM31CR60J476M Datasheet
299Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
GRM31CR60J476M RICHTEK-GRM31CR60J476M Datasheet
263Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
GRM31CR60J476M RICHTEK-GRM31CR60J476M Datasheet
272Kb / 15P
   2A, 18V, 1.2MHz Synchronous Step-Down Converter
More results


Similar Description - GRM31CR60J476M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM32ER60J476M MURATA-GRM32ER60J476M Datasheet
61Kb / 1P
   Chip Monolithic Ceramic Capacitor 1210 X5R 47關F 6.3V
GRM31MR60J106K MURATA-GRM31MR60J106K Datasheet
37Kb / 1P
   Chip Monolithic Ceramic Capacitor 1206 X5R 10關F 6.3V
GRM31CR60J226K MURATA-GRM31CR60J226K Datasheet
58Kb / 1P
   Chip Monolithic Ceramic Capacitor 1206 X5R 22關F 6.3V
GRM31CR60J107M MURATA-GRM31CR60J107M Datasheet
58Kb / 1P
   Chip Monolithic Ceramic Capacitor 1206 X5R 100uF 6.3V
GRM219R60J475K MURATA-GRM219R60J475K Datasheet
57Kb / 1P
   Chip Monolithic Ceramic Capacitor 0805 X5R 4.7關F 6.3V
GRM185R60J105K MURATA-GRM185R60J105K Datasheet
63Kb / 1P
   Chip Monolithic Ceramic Capacitor 0603 X5R 1關F 6.3V
GRM188R60J225K MURATA-GRM188R60J225K Datasheet
57Kb / 1P
   Chip Monolithic Ceramic Capacitor 0603 X5R 2.2關F 6.3V
GRM188R60J106M MURATA-GRM188R60J106M Datasheet
64Kb / 1P
   Chip Monolithic Ceramic Capacitor 0603 X5R 10關F 6.3V
GRM21BR60J106K MURATA-GRM21BR60J106K Datasheet
58Kb / 1P
   Chip Monolithic Ceramic Capacitor 0805 X5R 10關F 6.3V
GRM155R60J105K MURATA-GRM155R60J105K Datasheet
61Kb / 1P
   Chip Monolithic Ceramic Capacitor 0402 X5R 1關F 6.3V
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com