Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM219R60J475K Datasheet (PDF) - Murata Manufacturing Co., Ltd.

GRM219R60J475K Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # GRM219R60J475K
Download  GRM219R60J475K Download

File Size   57.93 Kbytes
Page   1 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description Chip Monolithic Ceramic Capacitor 0805 X5R 4.7關F 6.3V

GRM219R60J475K Datasheet (PDF)

Go To PDF Page Download Datasheet
GRM219R60J475K Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # GRM219R60J475K
Download  GRM219R60J475K Click to download

File Size   57.93 Kbytes
Page   1 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description Chip Monolithic Ceramic Capacitor 0805 X5R 4.7關F 6.3V

GRM219R60J475K Datasheet (HTML) - Murata Manufacturing Co., Ltd.

GRM219R60J475K Datasheet HTML 1Page - Murata Manufacturing Co., Ltd.

GRM219R60J475K Product details

Chip Monolithic Ceramic Capacitor

0805 X5R 4.7μ F 6.3V




Similar Part No. - GRM219R60J475K

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM219R60J475KE01 MURATA1-GRM219R60J475KE01 Datasheet
351Kb / 1P
   capacitor data sheet
GRM219R60J475KE01 MURATA1-GRM219R60J475KE01 Datasheet
177Kb / 2P
   Ceramic Capacitors(SMD)
11/08/2022
logo
Intersil Corporation
GRM219R60J475KE01D INTERSIL-GRM219R60J475KE01D Datasheet
784Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
logo
Murata Manufacturing Co...
GRM219R60J475KE01D MURATA1-GRM219R60J475KE01D Datasheet
177Kb / 2P
   Ceramic Capacitors(SMD)
11/08/2022
GRM219R60J475KE01J MURATA1-GRM219R60J475KE01J Datasheet
177Kb / 2P
   Ceramic Capacitors(SMD)
11/08/2022
More results


Similar Description - GRM219R60J475K

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM21BR60J106K MURATA-GRM21BR60J106K Datasheet
58Kb / 1P
   Chip Monolithic Ceramic Capacitor 0805 X5R 10關F 6.3V
GRM21BR60J226M MURATA-GRM21BR60J226M Datasheet
58Kb / 1P
   Chip Monolithic Ceramic Capacitor 0805 X5R 22關F 6.3V
GRM219R60J106K MURATA-GRM219R60J106K Datasheet
65Kb / 1P
   Chip Monolithic Ceramic Capacitor 0805 X5R 10關F 6.3V
GRM219R61C475K MURATA-GRM219R61C475K Datasheet
37Kb / 1P
   Chip Monolithic Ceramic Capacitor 0805 X5R 4.7關F 16V
GRM21BR61E475K MURATA-GRM21BR61E475K Datasheet
61Kb / 1P
   Chip Monolithic Ceramic Capacitor 0805 X5R 4.7關F 25V
GRM219R61A475K MURATA-GRM219R61A475K Datasheet
58Kb / 1P
   Chip Monolithic Ceramic Capacitor 0805 X5R 4.7關F 10V
GRM21BR61C475K MURATA-GRM21BR61C475K Datasheet
60Kb / 1P
   Chip Monolithic Ceramic Capacitor 0805 X5R 4.7關F 16V
GRM31MR60J106K MURATA-GRM31MR60J106K Datasheet
37Kb / 1P
   Chip Monolithic Ceramic Capacitor 1206 X5R 10關F 6.3V
GRM185R60J105K MURATA-GRM185R60J105K Datasheet
63Kb / 1P
   Chip Monolithic Ceramic Capacitor 0603 X5R 1關F 6.3V
GRM31CR60J226K MURATA-GRM31CR60J226K Datasheet
58Kb / 1P
   Chip Monolithic Ceramic Capacitor 1206 X5R 22關F 6.3V
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com