Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM219R61A475K Datasheet (PDF) - Murata Manufacturing Co., Ltd.

GRM219R61A475K Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # GRM219R61A475K
Download  GRM219R61A475K Download

File Size   58.26 Kbytes
Page   1 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description Chip Monolithic Ceramic Capacitor 0805 X5R 4.7關F 10V

GRM219R61A475K Datasheet (PDF)

Go To PDF Page Download Datasheet
GRM219R61A475K Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # GRM219R61A475K
Download  GRM219R61A475K Click to download

File Size   58.26 Kbytes
Page   1 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description Chip Monolithic Ceramic Capacitor 0805 X5R 4.7關F 10V

GRM219R61A475K Datasheet (HTML) - Murata Manufacturing Co., Ltd.

GRM219R61A475K Datasheet HTML 1Page - Murata Manufacturing Co., Ltd.



Similar Part No. - GRM219R61A475K

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
GRM219R61A475KE19 SKYWORKS-GRM219R61A475KE19 Datasheet
2Mb / 17P
   1.5A Single Flash LED Driver IC
logo
Advanced Analogic Techn...
GRM219R61A475KE19 ANALOGICTECH-GRM219R61A475KE19 Datasheet
594Kb / 22P
   Dual 600mA Step-Down Converter with Synchronization
logo
Murata Manufacturing Co...
GRM219R61A475KE32 MURATA1-GRM219R61A475KE32 Datasheet
778Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM219R61A475KE32D MURATA1-GRM219R61A475KE32D Datasheet
778Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM219R61A475KE32J MURATA1-GRM219R61A475KE32J Datasheet
778Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results


Similar Description - GRM219R61A475K

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM219R61A225K MURATA-GRM219R61A225K Datasheet
57Kb / 1P
   Chip Monolithic Ceramic Capacitor 0805 X5R 2.2關F 10V
GRM21BR61A106K MURATA-GRM21BR61A106K Datasheet
58Kb / 1P
   Chip Monolithic Ceramic Capacitor 0805 X5R 10關F 10V
GRM219R61C475K MURATA-GRM219R61C475K Datasheet
37Kb / 1P
   Chip Monolithic Ceramic Capacitor 0805 X5R 4.7關F 16V
GRM21BR61E475K MURATA-GRM21BR61E475K Datasheet
61Kb / 1P
   Chip Monolithic Ceramic Capacitor 0805 X5R 4.7關F 25V
GRM219R60J475K MURATA-GRM219R60J475K Datasheet
57Kb / 1P
   Chip Monolithic Ceramic Capacitor 0805 X5R 4.7關F 6.3V
GRM21BR61C475K MURATA-GRM21BR61C475K Datasheet
60Kb / 1P
   Chip Monolithic Ceramic Capacitor 0805 X5R 4.7關F 16V
GCM21BC71A475K MURATA-GCM21BC71A475K Datasheet
66Kb / 1P
   Chip Monolithic Ceramic Capacitor 0805 X7S 4.7關F 10V
GRM21BR61A475K MURATA-GRM21BR61A475K Datasheet
60Kb / 1P
   Chip Monolithic Ceramic Capacitor 0805 X5R 4.7uF 10V
GRM185R61A105K MURATA-GRM185R61A105K Datasheet
64Kb / 1P
   Chip Monolithic Ceramic Capacitor 0603 X5R 1關F 10V
GRM319R61A106K MURATA-GRM319R61A106K Datasheet
57Kb / 1P
   Chip Monolithic Ceramic Capacitor 1206 X5R 10關F 10V
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com