Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3V914 Datasheet (PDF) - STMicroelectronics

TS3V914 Datasheet PDF - STMicroelectronics
Part # TS3V914
Download  TS3V914 Download

File Size   119.04 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3V RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER

TS3V914 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS3V914 Datasheet PDF - STMicroelectronics

Part # TS3V914
Download  TS3V914 Click to download

File Size   119.04 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3V RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER

TS3V914 Datasheet (HTML) - STMicroelectronics

Back Button TS3V914 Datasheet HTML 1Page - STMicroelectronics TS3V914 Datasheet HTML 2Page - STMicroelectronics TS3V914 Datasheet HTML 3Page - STMicroelectronics TS3V914 Datasheet HTML 4Page - STMicroelectronics TS3V914 Datasheet HTML 5Page - STMicroelectronics TS3V914 Datasheet HTML 6Page - STMicroelectronics TS3V914 Datasheet HTML 7Page - STMicroelectronics TS3V914 Datasheet HTML 8Page - STMicroelectronics TS3V914 Datasheet HTML 9Page - STMicroelectronics TS3V914 Datasheet HTML 10Page - STMicroelectronics Next Button 

TS3V914 Product details

DESCRIPTION
The TS3V914 is a RAIL TO RAIL quad CMOS operational amplifier designed to operate with a single 3V supply voltage.
The input voltage range Vicm includes the two supply rails VCC+ and VCC-.
The output reaches :
   • VCC- +50mV VCC+ -50mV with RL = 10kΩ
   • VCC- +350mV VCC+ -350mV with RL = 600Ω

This product offers a broad supply voltage operating range from 2.7V to 16V and a supply current of only 200µA/amp. (VCC = 3V).
Source and sink output current capability is typically 40mA (at VCC = 3V), fixed by an internal limitation circuit.
SGS-THOMSON is offeringa dual op-ampwith the same features : TS3V912.

■ DEDICATED TO 3.3V APPLICATIONS AND BATTERY-SUPPLIED (fully specified at VCC = 3V and 5V)
■ RAIL TO RAIL INPUT AND OUTPUT VOLTAGERANGES
■ SINGLE (OR DUAL) SUPPLY OPERATION FROM 2.7V TO 16V
■ EXTREMELY LOW INPUT BIAS CURRENT : 1pA TYP
■ LOW INPUT OFFSET VOLTAGE : 5mV max.
■ SPECIFIED FOR 600Ω AND 100Ω LOADS
■ LOW SUPPLY CURRENT : 200µA/Ampli
■ SPICE MACROMODEL INCLUDED IN THIS SPECIFICATION




Similar Part No. - TS3V914

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3V912 STMICROELECTRONICS-TS3V912 Datasheet
117Kb / 11P
   3V RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
TS3V912AI STMICROELECTRONICS-TS3V912AI Datasheet
117Kb / 11P
   3V RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
TS3V912BI STMICROELECTRONICS-TS3V912BI Datasheet
117Kb / 11P
   3V RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
TS3V912I STMICROELECTRONICS-TS3V912I Datasheet
117Kb / 11P
   3V RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
More results


Similar Description - TS3V914

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3V912 STMICROELECTRONICS-TS3V912 Datasheet
117Kb / 11P
   3V RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
logo
Advanced Linear Devices
ALD4704 ALD-ALD4704_10 Datasheet
85Kb / 9P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS914IDT STMICROELECTRONICS-TS914IDT Datasheet
1Mb / 17P
   Rail-to-rail CMOS quad operational amplifier
logo
Advanced Linear Devices
ALD4704A ALD-ALD4704A Datasheet
62Kb / 6P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS914 STMICROELECTRONICS-TS914_07 Datasheet
189Kb / 19P
   Rail-to-rail CMOS quad operational amplifier
TS914 STMICROELECTRONICS-TS914 Datasheet
102Kb / 13P
   RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
April 1999
logo
Advanced Linear Devices
ALD4704A ALD-ALD4704A_V01 Datasheet
89Kb / 9P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2018
ALD4701 ALD-ALD4701_10 Datasheet
86Kb / 9P
   QUAD MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
   Rail-to-Rail Output Quad CMOS Operational Amplifier
logo
Richtek Technology Corp...
RT9134 RICHTEK-RT9134 Datasheet
227Kb / 11P
   Rail-to-Rail Quad Operational Amplifier
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com