Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4902 Datasheet (PDF) - STMicroelectronics

TS4902 Datasheet PDF - STMicroelectronics
Part # TS4902
Download  TS4902 Download

File Size   399.61 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 300mW at 3.3V SUPPLY AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW

TS4902 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS4902 Datasheet PDF - STMicroelectronics

Part # TS4902
Download  TS4902 Click to download

File Size   399.61 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 300mW at 3.3V SUPPLY AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW

TS4902 Datasheet (HTML) - STMicroelectronics

Back Button TS4902 Datasheet HTML 1Page - STMicroelectronics TS4902 Datasheet HTML 2Page - STMicroelectronics TS4902 Datasheet HTML 3Page - STMicroelectronics TS4902 Datasheet HTML 4Page - STMicroelectronics TS4902 Datasheet HTML 5Page - STMicroelectronics TS4902 Datasheet HTML 6Page - STMicroelectronics TS4902 Datasheet HTML 7Page - STMicroelectronics TS4902 Datasheet HTML 8Page - STMicroelectronics TS4902 Datasheet HTML 9Page - STMicroelectronics TS4902 Datasheet HTML 10Page - STMicroelectronics Next Button 

TS4902 Product details

DESCRIPTION
The TS4902 is an audio power amplifier designed to provide the best price to power ratio while preserving high audio quality.
   
■ OPERATING FROM VCC = 2.2V to 5.5V
■ 0.7W OUTPUT POWER @ Vcc=5V, THD=1%,
    f=1kHz, with an 8Ω load
■ 0.3W OUTPUT POWER @ Vcc=3.3V,
    THD=1%, f=1kHz, with an 8Ω load
■ ULTRA LOW CONSUMPTION IN STANDBY
    MODE (10nA)
■ 77dB PSRR @ 217Hz from 5V to 2.2V
■ ULTRA LOW POP & CLICK
■ ULTRA LOW DISTORTION (0.1%)
■ UNITY GAIN STABLE
■ AVAILABLE IN MiniSO8 & SO8
   
APPLICATIONS
■ Mobile Phones (Cellular / Cordless)
■ PDAs
■ Portable Audio Devices
   




Similar Part No. - TS4902

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4900 STMICROELECTRONICS-TS4900 Datasheet
480Kb / 19P
   300mW at 3.3V SUPPLY AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
TS4900ID STMICROELECTRONICS-TS4900ID Datasheet
480Kb / 19P
   300mW at 3.3V SUPPLY AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
TS4900IDT STMICROELECTRONICS-TS4900IDT Datasheet
480Kb / 19P
   300mW at 3.3V SUPPLY AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
TS4900IS STMICROELECTRONICS-TS4900IS Datasheet
480Kb / 19P
   300mW at 3.3V SUPPLY AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
TS4900IST STMICROELECTRONICS-TS4900IST Datasheet
480Kb / 19P
   300mW at 3.3V SUPPLY AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
More results


Similar Description - TS4902

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4900 STMICROELECTRONICS-TS4900 Datasheet
480Kb / 19P
   300mW at 3.3V SUPPLY AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
logo
List of Unclassifed Man...
IS31AP4991-SLS2-TR ETC2-IS31AP4991-SLS2-TR Datasheet
418Kb / 11P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
Integrated Silicon Solu...
IS31AP4991 ISSI-IS31AP4991 Datasheet
427Kb / 12P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
STMicroelectronics
TS4990 STMICROELECTRONICS-TS4990 Datasheet
143Kb / 6P
   1W AUDIO POWER AMPLIFIER WITH ACTIVE LOW STANDBY MODE
TS4984FC STMICROELECTRONICS-TS4984FC Datasheet
1Mb / 30P
   1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
TS4990 STMICROELECTRONICS-TS4990_08 Datasheet
716Kb / 32P
   1.2 W audio power amplifier with active low standby mode
TS4972 STMICROELECTRONICS-TS4972 Datasheet
904Kb / 28P
   1.2W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
TS4972 STMICROELECTRONICS-TS4972_04 Datasheet
789Kb / 30P
   1.2W Audio Power Amplifier with Standby Mode Active High
logo
Integrated Silicon Solu...
IS31AP4996 ISSI-IS31AP4996 Datasheet
348Kb / 10P
   1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-HIGH STANDBY MODE
logo
National Semiconductor ...
LM4902 NSC-LM4902 Datasheet
772Kb / 18P
   265mW at 3.3V Supply Audio Power Amplifier with Shutdown Mode
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com