Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33981BPNA/R2 Datasheet (PDF) - Freescale Semiconductor, Inc

MC33981BPNA/R2 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC33981BPNA/R2
Download  MC33981BPNA/R2 Download

File Size   1417.63 Kbytes
Page   37 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Single High Side Switch (4.0 m廓), PWM clock up to 60 kHz

MC33981BPNA/R2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33981BPNA/R2 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC33981BPNA/R2
Download  MC33981BPNA/R2 Click to download

File Size   1417.63 Kbytes
Page   37 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Single High Side Switch (4.0 m廓), PWM clock up to 60 kHz

MC33981BPNA/R2 Datasheet (HTML) - Freescale Semiconductor, Inc

Back Button MC33981BPNA/R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33981BPNA/R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33981BPNA/R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33981BPNA/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33981BPNA/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33981BPNA/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33981BPNA/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33981BPNA/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33981BPNA/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33981BPNA/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button 

MC33981BPNA/R2 Product details

Single High Side Switch (4.0 mOhm), PWM clock up to 60 kHz

The 33981 is a high frequency, self-protected 4.0 m RDS(ON) high side switch used to replace electromechanical relays, fuses, and discrete devices in power management applications.

The 33981 is packaged in a 12 x 12 mm non-leaded power-enhanced PQFN package with exposed tabs.

Features
• Single 4.0 m RDS(ON) maximum high side switch
• PWM capability up to 60 kHz with duty cycle from 5% to 100%
• Very low standby current
• Slew-rate control with external capacitor
• Over-current and over-temperature protection, under-voltage shutdown, and fault reporting
• Reverse battery protection
• Gate drive signal for external low side N-channel MOSFET with protection features
• Output current monitoring
• Temperature feedback




Similar Part No. - MC33981BPNA/R2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33981BPNA FREESCALE-MC33981BPNA Datasheet
1Mb / 37P
   Single High-Side Switch (4.0 m??, PWM clock up to 60kHz
MC33981BPNAR2 FREESCALE-MC33981BPNAR2 Datasheet
1Mb / 37P
   Single High-Side Switch (4.0 m??, PWM clock up to 60kHz
More results


Similar Description - MC33981BPNA/R2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33981 NXP-MC33981 Datasheet
3Mb / 51P
   Single High Side Switch (4.0 mOhm), PWM clock up to 60 kHz
Rev. 12.0, 7/2023
logo
Freescale Semiconductor...
33981B FREESCALE-33981B Datasheet
1Mb / 37P
   Single High-Side Switch (4.0 m??, PWM clock up to 60kHz
logo
Motorola, Inc
MC33981 MOTOROLA-MC33981 Datasheet
469Kb / 24P
   High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m??up to 60 kHz)
logo
Infineon Technologies A...
BTF6070-2ERV INFINEON-BTF6070-2ERV Datasheet
1Mb / 42P
   Smart High-Side Power Switch Dual Channel, 60 m廓
Rev. 1.00 2019-04-25
logo
Freescale Semiconductor...
33984B FREESCALE-33984B_09 Datasheet
1Mb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 m廓)
logo
Infineon Technologies A...
BTT6010-1ERA INFINEON-BTT6010-1ERA Datasheet
1Mb / 46P
   Smart High-Side Power Switch Single Channel, 10 m廓
Rev. 1.00 2019-03-09
BTT6030-1ERA INFINEON-BTT6030-1ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Single Channel, 31 m廓
Rev.1.00 2019-03-09
logo
Texas Instruments
TPS1HB08-Q1 TI1-TPS1HB08-Q1 Datasheet
537Kb / 38P
[Old version datasheet]   40-V, 8-m廓 Single-Channel Smart High-Side Switch
TPS1HB16-Q1 TI1-TPS1HB16-Q1 Datasheet
527Kb / 38P
[Old version datasheet]   40-V, 16-m廓 Single-Channel Smart High-Side Switch
TPS1HB35-Q1 TI1-TPS1HB35-Q1 Datasheet
535Kb / 39P
[Old version datasheet]   40-V, 35-m廓 Single-Channel Smart High-Side Switch
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com