Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS555MP Datasheet (PDF) - STMicroelectronics

TS555MP Datasheet PDF - STMicroelectronics
Part # TS555MP
Download  TS555MP Download

File Size   84.87 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW POWER SINGLE CMOS TIMERS

TS555MP Datasheet (PDF)

Go To PDF Page Download Datasheet
TS555MP Datasheet PDF - STMicroelectronics

Part # TS555MP
Download  TS555MP Click to download

File Size   84.87 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW POWER SINGLE CMOS TIMERS

TS555MP Datasheet (HTML) - STMicroelectronics

Back Button TS555MP Datasheet HTML 1Page - STMicroelectronics TS555MP Datasheet HTML 2Page - STMicroelectronics TS555MP Datasheet HTML 3Page - STMicroelectronics TS555MP Datasheet HTML 4Page - STMicroelectronics TS555MP Datasheet HTML 5Page - STMicroelectronics TS555MP Datasheet HTML 6Page - STMicroelectronics TS555MP Datasheet HTML 7Page - STMicroelectronics TS555MP Datasheet HTML 8Page - STMicroelectronics TS555MP Datasheet HTML 9Page - STMicroelectronics TS555MP Datasheet HTML 10Page - STMicroelectronics Next Button 

TS555MP Product details

DESCRIPTION
The TS555 is a single CMOS timer which offers very low consumption (Icc(TYP) TS555 = 100µA Icc(TYP) NE555 = 3mA) and high frequency (f(max.) TS555 = 2.7MHz - f(max.) NE555 = 0.1 MHz) Thus, either in Monostable or Astable mode, timing remains very accurate.
The TS555provides reduced supply current spikes during output transitions, which enables the use of lower decoupling capacitors compared to those required by bipolar NE555.
Timing capacitors can also be minimized due to high input impedance (1012 Ω).

■ VERY LOW POWER CONSUMPTION :
■ 100µA typ at VCC = 5V
■ HIGH MAXIMUM ASTABLE FREQUENCY 2.7MHz
■ PIN-TO-PIN AND FUNCTIONALLY COMPATIBLE WITH BIPOLAR NE555
■ VOLTAGE RANGE : +2V to +18V
■ HIGH OUTPUT CURRENT CAPABILITY
■ SUPPLY CURRENT SPIKES REDUCED DURING OUTPUT TRANSITIONS
■ HIGH INPUT IMPEDANCE : 1012 Ω
■ OUTPUT COMPATIBLE WITH TTL,CMOS AND LOGIC MOS




Similar Part No. - TS555MP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS555MPT STMICROELECTRONICS-TS555MPT Datasheet
234Kb / 20P
   Low power single CMOS timer
More results


Similar Description - TS555MP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS556C STMICROELECTRONICS-TS556C Datasheet
98Kb / 11P
   LOW POWER DUAL CMOS TIMERS
TS3V555 STMICROELECTRONICS-TS3V555 Datasheet
74Kb / 8P
   3V LOW POWER SINGLE TIMERS
logo
Mitsubishi Electric Sem...
M58479P MITSUBISHI-M58479P Datasheet
235Kb / 4P
   CMOS COUNTER/TIMERS
logo
STMicroelectronics
TS3V556 STMICROELECTRONICS-TS3V556 Datasheet
63Kb / 8P
   3V LOW POWER DUAL TIMERS
TS555CDT STMICROELECTRONICS-TS555CDT Datasheet
234Kb / 20P
   Low power single CMOS timer
TS555 STMICROELECTRONICS-TS555_V01 Datasheet
427Kb / 19P
   Low-power single CMOS timer
June 2015
TS555 STMICROELECTRONICS-TS555 Datasheet
220Kb / 12P
   LOW POWER SINGLE CMOS TIMER
logo
Texas Instruments
INA331 TI-INA331 Datasheet
294Kb / 15P
[Old version datasheet]   Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
logo
STMicroelectronics
TS271 STMICROELECTRONICS-TS271 Datasheet
163Kb / 15P
   CMOS PROGRAMMABLE LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
INA332 BURR-BROWN-INA332 Datasheet
292Kb / 17P
   Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com