Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17075 Datasheet (PDF) - Maxim Integrated Products

MAX17075 Datasheet PDF - Maxim Integrated Products
Part # MAX17075
Download  MAX17075 Download

File Size   1236.67 Kbytes
Page   22 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Boost Regulator with Integrated Charge Pumps, Switch Control, and High-Current Op Amp

MAX17075 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX17075 Datasheet PDF - Maxim Integrated Products

Part # MAX17075
Download  MAX17075 Click to download

File Size   1236.67 Kbytes
Page   22 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Boost Regulator with Integrated Charge Pumps, Switch Control, and High-Current Op Amp

MAX17075 Datasheet (HTML) - Maxim Integrated Products

Back Button MAX17075 Datasheet HTML 1Page - Maxim Integrated Products MAX17075 Datasheet HTML 2Page - Maxim Integrated Products MAX17075 Datasheet HTML 3Page - Maxim Integrated Products MAX17075 Datasheet HTML 4Page - Maxim Integrated Products MAX17075 Datasheet HTML 5Page - Maxim Integrated Products MAX17075 Datasheet HTML 6Page - Maxim Integrated Products MAX17075 Datasheet HTML 7Page - Maxim Integrated Products MAX17075 Datasheet HTML 8Page - Maxim Integrated Products MAX17075 Datasheet HTML 9Page - Maxim Integrated Products MAX17075 Datasheet HTML 10Page - Maxim Integrated Products Next Button 

MAX17075 Product details

General Description
The MAX17075 includes a high-voltage boost regulator, one high-current operational amplifier, two regulated charge pumps, and one MLG block for gate-driver supply modulation.
   
Features
♦ 2.5V to 5.5V Input Operating Range
♦ Current Mode Step-Up Regulator
    Fast-Transient Response
    Built-In 20V, 3A, 0.16Ω n-Channel Power MOSFET
    Cycle-by-Cycle Current Limit
    87% Efficiency (5V Input to 13V Output)
    1.2MHz Switching Frequency
    ±1% Output Voltage Regulation Accuracy
♦ High-Current 18V VCOM Buffer
    ±500mA Output Short-Circuit Current
    45V/µs Slew Rate
    20MHz -3dB Bandwidth
    Rail-to-Rail Output
♦ Regulated Charge Pump for TFT Gate-On Supply
♦ Regulated Charge Pump for TFT Gate-Off Supply
♦ Logic-Controlled High-Voltage Switches with
    Adjustable Delay
♦ Soft-Start and Timed Delay Fault Latch for All
    Outputs
♦ Overload and Thermal Protection
   
Applications
    Notebook Computer Displays
    LCD Monitor Panels
    LCD TVs
   




Similar Part No. - MAX17075

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17075 MAXIM-MAX17075 Datasheet
605Kb / 23P
   Boost Regulator with Integrated Charge Pumps, Switch Control, and High-Current Op Amp
Rev 1; 5/12
MAX17075 MAXIM-MAX17075 Datasheet
168Kb / 7P
   1.2MHz Switching Frequency
Rev 0; 12/08
MAX17075ETG++ MAXIM-MAX17075ETG+ Datasheet
605Kb / 23P
   Boost Regulator with Integrated Charge Pumps, Switch Control, and High-Current Op Amp
Rev 1; 5/12
MAX17075EVKIT MAXIM-MAX17075EVKIT Datasheet
168Kb / 7P
   1.2MHz Switching Frequency
Rev 0; 12/08
MAX17075EVKIT++ MAXIM-MAX17075EVKIT+ Datasheet
168Kb / 7P
   1.2MHz Switching Frequency
Rev 0; 12/08
More results


Similar Description - MAX17075

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17075 MAXIM-MAX17075_12 Datasheet
605Kb / 23P
   Boost Regulator with Integrated Charge Pumps, Switch Control, and High-Current Op Amp
Rev 1; 5/12
logo
Global Mixed-mode Techn...
G5535 GMT-G5535 Datasheet
558Kb / 1P
   Charge-Pumps and High-Current OP
logo
Eutech Microelectronics...
EUP2681 EUTECH-EUP2681 Datasheet
107Kb / 1P
   TFT LCD DC-DC Converter with Integrated Charge Pumps, OP-AMP and HV-Switch
EUP2619 EUTECH-EUP2619 Datasheet
126Kb / 1P
   TFT LCD DC-DC Converter with Integrated Charge Pumps and OP-AMP
logo
Maxim Integrated Produc...
MAX17010 MAXIM-MAX17010 Datasheet
283Kb / 17P
   Internal-Switch Boost Regulator with Integrated High-Voltage Level Shifter and Op Amp
Rev 0; 3/07
MAX17117 MAXIM-MAX17117 Datasheet
1Mb / 22P
   Internal-Switch Boost Regulator with Integrated 7-Channel Scan Driver, Op Amp, and LDO
19-5241; Rev 0; 4/10
MAX17094 MAXIM-MAX17094 Datasheet
1Mb / 26P
   Internal-Switch Boost Regulator with Integrated 7-Channel Driver, VCOM Calibrator, Op Amp, and LDO
2008
MAX8784 MAXIM-MAX8784 Datasheet
963Kb / 24P
   Step-Up Regulator, Internal Charge Pumps, Switch Control, and Operational Amplifier for TFT LCDs
Rev 0; 1/07
logo
Silicon Mitus, Inc.
SM6751Q SILICONMITUS-SM6751Q Datasheet
214Kb / 2P
   Boost Regulator with GPM, LDO, VCOM Calibrator and OP Amp
October 2021 Rev. 0.9.0
logo
Linear Technology
LTC3265 LINER-LTC3265 Datasheet
747Kb / 20P
   Low Noise Dual Supply with Boost and Inverting Charge Pumps
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com