Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
2SC3030
(2)
2SC3031
(1)
2SC3032
(1)
2SC3033
(1)
2SC3038
(1)
2SC3039
(3)
2SC3039 - POWER TRANSISTORS(7.0A,400V,50W) - Mospec Semiconductor
Click Here View
2SC3039
Datasheet
Part No.
2SC3039
Description
POWER TRANSISTORS(7.0A,400V,50W)
Download
2SC3039
Click here
to View
File Size
137.76 Kbytes / 3 Pages
Maker
MOSPEC [Mospec Semiconductor]
Homepage
http://www.mospec.com.tw/
Related Electronics Part Number
Part Number
Components Description
Manufacturer
2SC2502
POWER
TRANSISTORS
6.0A
400V
50W
Mospec Semiconductor
STW16NA40
N
-
CHANNEL
400V
-
0.21ohm
-
16A
-
TO-247/ISOWATT218
POWER
MOS
TRANSISTORS
STMicroelectronics
MRF914
RF
&
MICROWAVE
DISCRETE
LOW
POWER
TRANSISTORS
Microsemi Corporation
2N6759
N-Channel
Power
MOSFETs
5.5A
350V/400V
Fairchild Semiconductor
IRFF330
3.5A
400V
1.000
Ohm
N-Channel
Power
MOSFET
Intersil Corporation
53259
POWER
MOSFET
OPTOCOUPLER
400V
/
50ohm
HERMETICALLY
SEALED
Micropac Industries
2N6466
Power
Transistors
Central Semiconductor Corp
NTE1358
Integrated
Circuit
Module
AF
PO
50W
Dual
Power
Supply
NTE Electronics
STK401-290
2ch
AF
Power
Amplifier
Split
Power
Supply
50W
+
50
W
THD
=
0.08%
Sanyo Semicon Device
BD241BFP
COMPLEMENTARY
SILICON
POWER
TRANSISTORS
STMicroelectronics
Link URL :
Related keyword
2SC3039 Datasheet
2SC3039 Cross Reference
2SC3039 Schematic
2SC3039 Distributor
2SC3039 Datenblatt
2SC3039 RoHS
2SC3039 Equivalent
2SC3039 Application Notes
2SC3039 Data Sheet
2SC3039 components
2SC3039 Fiche Technique
2SC3039 Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer