![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
2SC3264 - POWER TRANSISTORS(17A,230V,200W) - Mospec Semiconductor |
|
Click Here View 2SC3264 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 2SA1295 | POWER TRANSISTORS 17A 230V 200W | Mospec Semiconductor |
| BDW93CFP | COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS | STMicroelectronics |
| BUX48 | HIGH POWER NPN SILICON TRANSISTORS | STMicroelectronics |
| LET21008 | RF POWER TRANSISTORS Ldmos Enhanced Technology in Plastic Package | STMicroelectronics |
| MJD112 | COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS | STMicroelectronics |
| PD54003-PD54003S | RF POWER TRANSISTORS The LdmoST Plastic FAMILY | STMicroelectronics |
| SD4590 | RF POWER TRANSISTORS 800-960 MHz CELLULAR BASE STATION | STMicroelectronics |
| BD684 | SILICON DARLINGTON POWER TRANSISTORS | ETC |
| MJE15034 | 4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS 50 WATTS | ON Semiconductor |
| 2N6728 | PNP SILICON PLANAR MEDIUM POWER TRANSISTORS | ETC |
Link URL |
|
|
Related keyword |
| 2SC3264 Datasheet | 2SC3264 Cross Reference | 2SC3264 Schematic | 2SC3264 Distributor | 2SC3264 Datenblatt | 2SC3264 RoHS |
| 2SC3264 Equivalent | 2SC3264 Application Notes | 2SC3264 Data Sheet | 2SC3264 component | 2SC3264 Fiche Technique | 2SC3264 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |