Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3858 Datasheet (PDF) - Mospec Semiconductor

2SC3858 Datasheet PDF - Mospec Semiconductor
Part # 2SC3858
Download  2SC3858 Download

File Size   125.18 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTOR(17A,200V,200W)

2SC3858 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3858 Datasheet PDF - Mospec Semiconductor

Part # 2SC3858
Download  2SC3858 Click to download

File Size   125.18 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTOR(17A,200V,200W)

2SC3858 Datasheet (HTML) - Mospec Semiconductor

2SC3858 Datasheet HTML 1Page - Mospec Semiconductor 2SC3858 Datasheet HTML 2Page - Mospec Semiconductor 2SC3858 Datasheet HTML 3Page - Mospec Semiconductor

2SC3858 Product details

High Power NPN Silicon Power Transistor




Similar Part No. - 2SC3858

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SC3858 SANKEN-2SC3858 Datasheet
24Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Audio and General Purpose)
logo
Savantic, Inc.
2SC3858 SAVANTIC-2SC3858 Datasheet
169Kb / 4P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3858 JMNIC-2SC3858 Datasheet
98Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC3858 ISC-2SC3858 Datasheet
183Kb / 4P
   Silicon NPN Power Transistors
logo
Sanken electric
2SC3858 SANKEN-2SC3858 Datasheet
34Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
More results


Similar Description - 2SC3858

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SA1494 MOSPEC-2SA1494 Datasheet
117Kb / 3P
   POWER TRANSISTORS(17A,200V,200W)
2SA1295 MOSPEC-2SA1295 Datasheet
117Kb / 3P
   POWER TRANSISTORS(17A,230V,200W)
2SA1216 MOSPEC-2SA1216 Datasheet
117Kb / 3P
   POWER TRANSISTORS(17A,180V,200W)
2SC3264 MOSPEC-2SC3264 Datasheet
127Kb / 3P
   POWER TRANSISTORS(17A,230V,200W)
2SC2922 MOSPEC-2SC2922 Datasheet
119Kb / 3P
   POWER TRANSISTORS(17A,180V,200W)
2N6338 MOSPEC-2N6338 Datasheet
128Kb / 3P
   POWER TRANSISTOR(25A,200W)
logo
M/A-COM Technology Solu...
NPT1007 MA-COM-NPT1007_15 Datasheet
1,018Kb / 7P
   200W RF Power Transistor
logo
International Rectifier
IRL640PBF IRF-IRL640PBF Datasheet
930Kb / 8P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.18廓 , ID = 17A )
logo
M/A-COM Technology Solu...
NPT1007 MA-COM-NPT1007 Datasheet
1,018Kb / 7P
   Gallium Nitride 28V, 200W RF Power Transistor
logo
Diodes Incorporated
FZT956 DIODES-FZT956_17 Datasheet
455Kb / 7P
   200V PNP MEDIUM POWER TRANSISTOR
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com