Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
2SD1044
(1)
2SD1046
(1)
2SD1047
(3)
2SD1048
(1)
2SD1049
(2)
2SD1047 - POWER TRANSISTORS(12A,140V,100W) - Mospec Semiconductor
Click Here View
2SD1047
Datasheet
Part No.
2SD1047
Description
POWER TRANSISTORS(12A,140V,100W)
Download
2SD1047
Click here
to View
File Size
130.41 Kbytes / 3 Pages
Maker
MOSPEC [Mospec Semiconductor]
Homepage
http://www.mospec.com.tw/
Related Electronics Part Number
Part Number
Components Description
Manufacturer
2SB817
POWER
TRANSISTORS
12A
140V
100W
Mospec Semiconductor
MJE13008
POWER
TRANSISTORS
12A
300-400V
100W
Mospec Semiconductor
STK0100II
Thick
Film
Hybrid
Integrated
Circuit
100W
MIN
AF
POWER
AMP
OUTPUT
STAGE
DPP
Sanyo Semicon Device
STD12NE06L
N
-
CHANNEL
60V
-
0.09ohm-
12A
TO-251/TO-252
STripFET
POWER
MOSFET
STMicroelectronics
2N6466
Power
Transistors
Central Semiconductor Corp
2SK2192
VX-2
Series
Power
MOSFET
500V
12A
Shindengen Electric Mfg.Co.Ltd
2N6487
COMPLEMENTARY
SILICON
POWER
TRANSISTORS
STMicroelectronics
2SD2639
140V
/
12A
AF
60W
Output
Applications
Sanyo Semicon Device
BD909
COMPLEMENTARY
SILICON
POWER
TRANSISTORS
STMicroelectronics
MRF6S23100H
RF
Power
Dield
Effect
Transistors
Freescale Semiconductor, Inc
Link URL :
Related keyword
2SD1047 Datasheet
2SD1047 Cross Reference
2SD1047 Schematic
2SD1047 Distributor
2SD1047 Datenblatt
2SD1047 RoHS
2SD1047 Equivalent
2SD1047 Application Notes
2SD1047 Data Sheet
2SD1047 components
2SD1047 Fiche Technique
2SD1047 Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer