Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT-42035 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

AT-42035 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # AT-42035
Download  AT-42035 Download

File Size   144.75 Kbytes
Page   5 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Up to 6 GHz Medium Power Silicon Bipolar Transistor

AT-42035 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-42035 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # AT-42035
Download  AT-42035 Click to download

File Size   144.75 Kbytes
Page   5 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Up to 6 GHz Medium Power Silicon Bipolar Transistor

AT-42035 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

AT-42035 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AT-42035 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AT-42035 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AT-42035 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AT-42035 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED

AT-42035 Product details

Description

Avago Technologies AT-42035 is a general purpose NPN bipolar transistor that offers excellent highfrequency performance. The AT-42035 is housed in a cost effective surface mount 100 mil micro-X package. The 4 micron emitter-to-emitter pitch enables this transistor to be used in many different functions. The 20 emitter fnger interdigitated geometry yields a medium sized transistor with impedances that are easy to match for low noise and medium power applications. This device is designed for use in low noise, wideband amplifer, mixer and oscillator applications in the VHF, UHF, and microwave frequencies. An optimum noise match near 50 Ω up to 1 GHz, makes this device easy to use as a low noise amplifer.

The AT-42035 bipolar transistor is fabricated using Avago’s 10 GHz fT Self-Aligned-Transistor (SAT) process. The die is nitride passivated for surface protection. Excellent device uniformity, performance and reliability are produced by the use of ion-implantation, self-alignment techniques, and gold metalization in the fabrication of this device.



Features

• High Output Power:

   21.0 dBm Typical P1 dB at 2.0 GHz

   20.5 dBm Typical P1 dB at 4.0 GHz

• High Gain at 1 dB Compression:

   14.0 dB Typical G1 dB at 2.0 GHz

   9.5 dB Typical G1 dB at 4.0 GHz

• Low Noise Figure:

   1.9 dB Typical NFO at 2.0 GHz

• High Gain-Bandwidth Product: 8.0 GHz Typical fT

• Cost Effective Ceramic Microstrip Package



 




Similar Part No. - AT-42035

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-42035 HP-AT-42035 Datasheet
53Kb / 5P
   Up to 6 GHz Medium Power Silicon Bipolar Transistor
More results


Similar Description - AT-42035

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AT-42070 AVAGO-AT-42070 Datasheet
150Kb / 5P
   Up to 6 GHz Medium Power Silicon Bipolar Transistor
logo
Agilent(Hewlett-Packard...
AT-42070 HP-AT-42070 Datasheet
52Kb / 5P
   Up to 6 GHz Medium Power Silicon Bipolar Transistor
AT-42035 HP-AT-42035 Datasheet
53Kb / 5P
   Up to 6 GHz Medium Power Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-42036 AVAGO-AT-42036 Datasheet
210Kb / 5P
   Up to 6 GHz Medium Power Silicon Bipolar Transistor
AT-42010 AVAGO-AT-42010 Datasheet
155Kb / 5P
   Up to 6 GHz Medium Power Silicon Bipolar Transistor
logo
Agilent(Hewlett-Packard...
AT-42010 HP-AT-42010 Datasheet
52Kb / 5P
   Up to 6 GHz Medium Power Silicon Bipolar Transistor
AT-42086 HP-AT-42086 Datasheet
55Kb / 5P
   Up to 6 GHz Medium Power Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-42085 AVAGO-AT-42085 Datasheet
169Kb / 5P
   Up to 6 GHz Medium Power Silicon Bipolar Transistor
AT-42086 AVAGO-AT-42086 Datasheet
67Kb / 5P
   Up to 6 GHz Medium Power Silicon Bipolar Transistor
AT-42000 AVAGO-AT-42000 Datasheet
183Kb / 5P
   Up to 6 GHz Medium Power Silicon Bipolar Transistor Chip
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com