Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF-36163 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ATF-36163 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ATF-36163
Download  ATF-36163 Download

File Size   177.49 Kbytes
Page   10 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 1.5-18 GHz Surface Mount Pseudomorphic HEMT

ATF-36163 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATF-36163 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ATF-36163
Download  ATF-36163 Click to download

File Size   177.49 Kbytes
Page   10 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 1.5-18 GHz Surface Mount Pseudomorphic HEMT

ATF-36163 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

ATF-36163 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ATF-36163 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ATF-36163 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ATF-36163 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ATF-36163 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ATF-36163 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ATF-36163 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ATF-36163 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ATF-36163 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ATF-36163 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED

ATF-36163 Product details

Description

The Avago ATF-36163 is a low-noise Pseudomorphic High Electron Mobility Transistor (PHEMT), in the SOT-363 (SC-70) package. When optimally matched for minimum noise fgure, it will provide a noise fgure of 1 dB at 12

GHz and 0.6 dB at 4 GHz



Features

• Lead-free Option Available

• Low Minimum Noise Figure:

   1 dB Typical at 12 GHz

    0.6 dB Typical at 4 GHz

• Associated Gain:

    9.4 dB Typical at 12 GHz

    15.8 dB Typical at 4 GHz

• Maximum Available Gain:

    11 dB Typical at 12 GHz

    17 dB Typical at 4 GHz

• Low Cost Surface Mount Small Plastic Package

• Tape-and-Reel Packaging Option Available



Applications

• 12 GHz DBS Downconverters

• 4 GHz TVRO Downconverters

• S or L Band Low Noise Amplifers




Similar Part No. - ATF-36163

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-36163 HP-ATF-36163 Datasheet
96Kb / 10P
   1.5-18 GHz Surface Mount Pseudomorphic HEMT
logo
Broadcom Corporation.
ATF-36163 BOARDCOM-ATF-36163 Datasheet
192Kb / 10P
   1.5??8 GHz Surface Mount Pseudomorphic HEMT
logo
Agilent(Hewlett-Packard...
ATF-36163-BLK HP-ATF-36163-BLK Datasheet
96Kb / 10P
   1.5-18 GHz Surface Mount Pseudomorphic HEMT
ATF-36163-TR1 HP-ATF-36163-TR1 Datasheet
96Kb / 10P
   1.5-18 GHz Surface Mount Pseudomorphic HEMT
logo
AVAGO TECHNOLOGIES LIMI...
ATF-36163 AVAGO-ATF-36163_15 Datasheet
192Kb / 10P
   1.5??8 GHz Surface Mount Pseudomorphic HEMT
More results


Similar Description - ATF-36163

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-36163 HP-ATF-36163 Datasheet
96Kb / 10P
   1.5-18 GHz Surface Mount Pseudomorphic HEMT
logo
Broadcom Corporation.
ATF-36163 BOARDCOM-ATF-36163 Datasheet
192Kb / 10P
   1.5??8 GHz Surface Mount Pseudomorphic HEMT
logo
AVAGO TECHNOLOGIES LIMI...
ATF-36163 AVAGO-ATF-36163_15 Datasheet
192Kb / 10P
   1.5??8 GHz Surface Mount Pseudomorphic HEMT
logo
Broadcom Corporation.
DEMO-ATF3616-3 BOARDCOM-DEMO-ATF3616-3 Datasheet
192Kb / 10P
   1.5??8 GHz Surface Mount Pseudomorphic HEMT
logo
Agilent(Hewlett-Packard...
ATF35076 HP-ATF35076 Datasheet
1Mb / 3P
   2-18 GHz Low Noise Pseudomorphic HEMT
ATF-36077 HP-ATF-36077 Datasheet
47Kb / 4P
   2-18 GHz Ultra Low Noise Pseudomorphic HEMT
ATF33143 HP-ATF33143 Datasheet
149Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-34143 HP-ATF-34143 Datasheet
119Kb / 15P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-33143 AVAGO-ATF-33143_15 Datasheet
407Kb / 17P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Agilent(Hewlett-Packard...
ATF34143 HP-ATF34143 Datasheet
154Kb / 15P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com