Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HP1002 Datasheet (PDF) - HBH Microwave GmbH

HP1002 Datasheet PDF - HBH Microwave GmbH
Part # HP1002
Download  HP1002 Download

File Size   16.68 Kbytes
Page   1 Pages
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Description 1700 - 2000 MHz Phase Shifter

HP1002 Datasheet (PDF)

Go To PDF Page Download Datasheet
HP1002 Datasheet PDF - HBH Microwave GmbH

Part # HP1002
Download  HP1002 Click to download

File Size   16.68 Kbytes
Page   1 Pages
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH
Description 1700 - 2000 MHz Phase Shifter

HP1002 Datasheet (HTML) - HBH Microwave GmbH

HP1002 Datasheet HTML 1Page - HBH Microwave GmbH

HP1002 Product details

General Description
The HP1002 is phase shifter in the frequency range from 1700MHz to 2000MHz.
The device operates from –30°C to +70°C.




Similar Part No. - HP1002

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HP1002 HBH-HP1002 Datasheet
20Kb / 1P
   1700 - 2000 MHz Phase Shifter
HP1002_SMD HBH-HP1002_SMD Datasheet
20Kb / 1P
   1700 - 2000 MHz Phase Shifter
More results


Similar Description - HP1002

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HP1002_SMD HBH-HP1002_SMD Datasheet
20Kb / 1P
   1700 - 2000 MHz Phase Shifter
logo
Skyworks Solutions Inc.
PS214-315 SKYWORKS-PS214-315_06 Datasheet
445Kb / 5P
   Voltage Controlled Phase Shifter 1700-2800 MHz
logo
SIRENZA MICRODEVICES
SLM-20T SIRENZA-SLM-20T Datasheet
346Kb / 4P
   1700-2000 MHz High Linearity
logo
WALSIN TECHNOLOGY CORPO...
RFBLN20121G8D1T WALSIN-RFBLN20121G8D1T Datasheet
643Kb / 7P
   1700 ~ 2000 MHz Working Frequency
logo
Tyco Electronics
MAAV-007090-000100 MACOM-MAAV-007090-000100 Datasheet
216Kb / 4P
   Voltage Variable Attenuator 1700 - 2000 MHz
AT10-0017 MACOM-AT10-0017 Datasheet
220Kb / 2P
   Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
AT10-0017 MACOM-AT10-0017_1 Datasheet
241Kb / 3P
   Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
logo
TriQuint Semiconductor
TQP3M6005 TRIQUINT-TQP3M6005 Datasheet
414Kb / 7P
   Mid Band Dual LNA (1700-2000 MHz)
logo
Tyco Electronics
MD54-0003 MACOM-MD54-0003 Datasheet
106Kb / 2P
   MMIC Medium Level Mixer 1700 - 2000 MHz
logo
M/A-COM Technology Solu...
AT10-0017 MA-COM-AT10-0017 Datasheet
79Kb / 4P
   Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
More results




About HBH Microwave GmbH


HBH Microwave GmbH is a leading manufacturer of high-quality microwave components and subsystems for the telecommunications, aerospace, defense, and scientific research industries. The company was founded in Germany in 1996 and has since established itself as a trusted provider of advanced microwave technologies.

HBH Microwave's product portfolio includes a wide range of microwave components, such as amplifiers, mixers, filters, couplers, and antennas. The company also offers customized solutions for specific applications, including subsystems and integrated microwave assemblies.

The company's engineering team has extensive experience in developing advanced microwave technologies for demanding applications. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

HBH Microwave has a strong focus on quality and reliability. The company's products are manufactured to the highest standards and undergo rigorous testing to ensure their performance and reliability. They are also designed to meet the demanding requirements of military and aerospace applications.

Overall, HBH Microwave is a trusted provider of high-quality microwave components and subsystems. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com