Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9708 Datasheet (PDF) - Supertex, Inc

HV9708 Datasheet PDF - Supertex, Inc
Part # HV9708
Download  HV9708 Download

File Size   449.33 Kbytes
Page   5 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs

HV9708 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV9708 Datasheet PDF - Supertex, Inc

Part # HV9708
Download  HV9708 Click to download

File Size   449.33 Kbytes
Page   5 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs

HV9708 Datasheet (HTML) - Supertex, Inc

HV9708 Datasheet HTML 1Page - Supertex, Inc HV9708 Datasheet HTML 2Page - Supertex, Inc HV9708 Datasheet HTML 3Page - Supertex, Inc HV9708 Datasheet HTML 4Page - Supertex, Inc HV9708 Datasheet HTML 5Page - Supertex, Inc

HV9708 Product details

General Description
The HV97 and HV98 are low-voltage serial to high-voltage parallel converters with push-pull outputs. These devices have been designed for use as drivers for AC-electroluminescent displays. They can also be used in any application requiring multiple output high-voltage current sourcing and sinking capabilities such as driving plasma panels, vacuum fluorescent displays, or large matrix LCD displays. The inputs are fully CMOS compatible.

Features
❏ Processed with HVCMOS® technology
❏ Output voltages up to 80V
❏ Low power level shifting
❏ Shift register speed 8MHz
❏ Latched data outputs
❏ Forward and reverse shifting options
❏ Diode to VPP allows efficient power recovery
❏ 5V CMOS compatible inputs




Similar Part No. - HV9708

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9100 SUTEX-HV9100 Datasheet
319Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
HV9100P SUTEX-HV9100P Datasheet
319Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
HV9100PJ SUTEX-HV9100PJ Datasheet
319Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
HV9102 SUTEX-HV9102 Datasheet
319Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
HV9102P SUTEX-HV9102P Datasheet
319Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
More results


Similar Description - HV9708

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5408PJ-B-G SUTEX-HV5408PJ-B-G Datasheet
999Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308PG-B-G SUTEX-HV5308PG-B-G Datasheet
997Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9808 SUTEX-HV9808_14 Datasheet
481Kb / 7P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308PJ-B-G SUTEX-HV5308PJ-B-G Datasheet
997Kb / 12P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308B SUTEX-HV5308B Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV5308 SUTEX-HV5308 Datasheet
460Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV610 SUTEX-HV610 Datasheet
765Kb / 9P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308_13 Datasheet
643Kb / 7P
   32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308_07 Datasheet
708Kb / 6P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308 Datasheet
455Kb / 5P
   32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com