Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1410 Datasheet (PDF) - TelCom Semiconductor, Inc

TC1410 Datasheet PDF - TelCom Semiconductor, Inc
Part # TC1410
Download  TC1410 Download

File Size   65.88 Kbytes
Page   5 Pages
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc
Description 0.5A HIGH-SPEED MOSFET DRIVERS

TC1410 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1410 Datasheet PDF - TelCom Semiconductor, Inc

Part # TC1410
Download  TC1410 Click to download

File Size   65.88 Kbytes
Page   5 Pages
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc
Description 0.5A HIGH-SPEED MOSFET DRIVERS

TC1410 Datasheet (HTML) - TelCom Semiconductor, Inc

TC1410 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC1410 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1410 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1410 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1410 Datasheet HTML 5Page - TelCom Semiconductor, Inc

TC1410 Product details

GENERAL DESCRIPTION
The TC1410/1410N are 0.5V CMOS buffer/drivers. They will not latch up under any conditions within their power and voltage ratings. They are not subject to damage when up to 5V of noise spiking of either polarity occurs on the ground pin. They can accept, without damage or logic upset, up to 500mA of current of either polarity being forced back into their output. All terminals are fully protected against up to 4 kV of electrostatic discharge.
As MOSFET drivers, the TC1410/1410N can easily switch 500pF gate capacitance in 25nsec with matched rise and fall times, and provide low enough impedance in both the ON and the OFF states to ensure the MOSFET’s intended state will not be affected, even by large transients. The rise and fall time edges are matched to allow driving short-duration inputs with greater accuracy.

FEATURES
■ Latch-Up Protected: Will Withstand 500mA Reverse Current
■ Input Will Withstand Negative Inputs Up to 5V
■ ESD Protected .....................................................4kV
■ High Peak Output Current ............................... 0.5A
■ Wide Operating Range .......................... 4.5V to 16V
■ High Capacitive Load
   Drive Capability ............................ 500pF in 25nsec
■ Short Delay Time .................................. 35nsec Typ
■ Consistent Delay Times With Changes in Supply Voltage
■ Matched Delay Times
■ Low Supply Current
   — With Logic “1” Input ................................. 500µA
   — With Logic “0” Input ................................. 150µA
■ Low Output Impedance ..................................... 16Ω
■ Pinout Same as TC1411/12/13




Similar Part No. - TC1410

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1410 MICROCHIP-TC1410 Datasheet
311Kb / 16P
   0.5A High-Speed MOSFET Drivers
2003
TC1410 MICROCHIP-TC1410 Datasheet
266Kb / 18P
   0.5A High-Speed MOSFET Drivers
11/27/12
TC1410EUA MICROCHIP-TC1410EUA Datasheet
266Kb / 18P
   0.5A High-Speed MOSFET Drivers
11/27/12
TC1410N MICROCHIP-TC1410N Datasheet
311Kb / 16P
   0.5A High-Speed MOSFET Drivers
2003
TC1410N MICROCHIP-TC1410N Datasheet
734Kb / 26P
   0.5A High-Speed MOSFET Drivers
11/29/12
More results


Similar Description - TC1410

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1410 MICROCHIP-TC1410 Datasheet
311Kb / 16P
   0.5A High-Speed MOSFET Drivers
2003
TC1410 MICROCHIP-TC1410_13 Datasheet
734Kb / 26P
   0.5A High-Speed MOSFET Drivers
11/29/12
TC1410EUA MICROCHIP-TC1410EUA Datasheet
266Kb / 18P
   0.5A High-Speed MOSFET Drivers
11/27/12
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
CLM4420 CALOGIC-CLM4420 Datasheet
77Kb / 6P
   High Speed MOSFET Drivers
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
   6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
logo
Microchip Technology
TC4421 MICROCHIP-TC4421_04 Datasheet
334Kb / 18P
   9A High-Speed MOSFET Drivers
2004
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com