Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC18C43 Datasheet (PDF) - TelCom Semiconductor, Inc

TC18C43 Datasheet PDF - TelCom Semiconductor, Inc
Part # TC18C43
Download  TC18C43 Download

File Size   83.72 Kbytes
Page   7 Pages
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc
Description BiCMOS CURRENT MODE PWM CONTROLLERS

TC18C43 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC18C43 Datasheet PDF - TelCom Semiconductor, Inc

Part # TC18C43
Download  TC18C43 Click to download

File Size   83.72 Kbytes
Page   7 Pages
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc
Description BiCMOS CURRENT MODE PWM CONTROLLERS

TC18C43 Datasheet (HTML) - TelCom Semiconductor, Inc

TC18C43 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC18C43 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC18C43 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC18C43 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC18C43 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC18C43 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC18C43 Datasheet HTML 7Page - TelCom Semiconductor, Inc

TC18C43 Product details

GENERAL DESCRIPTION
The TC38C43 is a current mode BiCMOS PWM control IC. With a low 1.0 mA supply current along with high drive current (0.7A peak) it provides a low cost solution for a PWM that operates to 500 kHz and directly drives MOSFETs up to HEX 3 size.

FEATURES
■ Low Power BiCMOS Design
■ Tough CMOSTM Construction
■ Low Supply Current ............. 1.0mA Typ @ 100kHz
■ Wide Supply Voltage Operation .............. 8V to 15V
■ Latch-Up Immunity ................... 500mA on Outputs
■ Input Will Withstand Negative Inputs to – 5 Volts
■ High Output Drive .................................... 0.7A Peak (1.2A on 14-Pin and 16-Pin Versions)
■ 2 kV ESD Protection
■ Current Mode Control
■ Fast Rise/Fall Time (Max)........... 60nsec @ 1000pF
■ High Frequency Operation ..........................500kHz
■ Clock Ramp Reset Current ................. 2.5mA ±10%
■ Low Propagation Delay Current Amp to Output ............................................ 140nsec Typ.
■ Pin Compatible with UC3843




Similar Part No. - TC18C43

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC18C46 TELCOM-TC18C46 Datasheet
113Kb / 10P
   CMOS CURRENT MODE PWM CONTROLLER
TC18C46 TELCOM-TC18C46 Datasheet
531Kb / 14P
   CMOS CURRENT MODE PWM CONTROLLER?
TC18C46-1 TELCOM-TC18C46-1 Datasheet
113Kb / 10P
   CMOS CURRENT MODE PWM CONTROLLER
TC18C46MJE TELCOM-TC18C46MJE Datasheet
113Kb / 10P
   CMOS CURRENT MODE PWM CONTROLLER
TC18C46MJE TELCOM-TC18C46MJE Datasheet
531Kb / 14P
   CMOS CURRENT MODE PWM CONTROLLER?
More results


Similar Description - TC18C43

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42_07 Datasheet
345Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42 Datasheet
100Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C43XYM MICREL-MIC38C43XYM Datasheet
354Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C45YM MICREL-MIC38C45YM Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38HC42 MICREL-MIC38HC42_11 Datasheet
86Kb / 8P
   BiCMOS 1A Current-Mode PWM Controllers
MIC38HC42 MICREL-MIC38HC42 Datasheet
80Kb / 8P
   BiCMOS 1A Current-Mode PWM Controllers
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com