Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC1623 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

2SC1623 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # 2SC1623
Download  2SC1623 Download

File Size   146.52 Kbytes
Page   4 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description NPN Silicon Transistor

2SC1623 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC1623 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC1623
Download  2SC1623 Click to download

File Size   146.52 Kbytes
Page   4 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description NPN Silicon Transistor

2SC1623 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd

2SC1623 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC1623 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SC1623 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 2SC1623 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd

2SC1623 Product details

Features
● High DC Current Gain:
   hFE = 200 TYP.
   VCE = 6.0 V, IC = 1.0 mA
● High Voltage:
   VCE O = 50 V




Similar Part No. - 2SC1623

ManufacturerPart #DatasheetDescription
logo
NEC
2SC1623 NEC-2SC1623 Datasheet
60Kb / 6P
   AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
logo
GUANGDONG HOTTECH INDUS...
2SC1623 HOTTECH-2SC1623 Datasheet
190Kb / 2P
   Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SC1623 DGNJDZ-2SC1623 Datasheet
1Mb / 3P
   SOT-323 Plastic-Encapsulate Transistors
logo
Weitron Technology
2SC1623 WEITRON-2SC1623 Datasheet
194Kb / 4P
   NPN General Purpose Transistors
logo
Galaxy Semi-Conductor H...
2SC1623 BILIN-2SC1623 Datasheet
172Kb / 4P
   Silicon Epitaxial Planar Transistor
More results


Similar Description - 2SC1623

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com