Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LND48XX Datasheet (PDF) - Linear Dimensions Semiconductor

LND48XX Datasheet PDF - Linear Dimensions Semiconductor
Part # LND48XX
Download  LND48XX Download

File Size   114.83 Kbytes
Page   4 Pages
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor
Description 400mA Low Dropout Voltage Regulators

LND48XX Datasheet (PDF)

Go To PDF Page Download Datasheet
LND48XX Datasheet PDF - Linear Dimensions Semiconductor

Part # LND48XX
Download  LND48XX Click to download

File Size   114.83 Kbytes
Page   4 Pages
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor
Description 400mA Low Dropout Voltage Regulators

LND48XX Datasheet (HTML) - Linear Dimensions Semiconductor

LND48XX Datasheet HTML 1Page - Linear Dimensions Semiconductor LND48XX Datasheet HTML 2Page - Linear Dimensions Semiconductor LND48XX Datasheet HTML 3Page - Linear Dimensions Semiconductor LND48XX Datasheet HTML 4Page - Linear Dimensions Semiconductor

LND48XX Product details

GENERAL DESCRIPTION
This series of fixed-voltage monolithic micropower voltage regulators is designed for a wide range of applications. This device is an excellent choice for use in battery-powered application. Furthermore, the quiescent current increases only slightly at dropout, which prolongs battery life.
   
FEATURES
• 400mA output within 2% over
    temperature
• Very low quiescent current
• Low dropout voltage (420mV Typ)
• Extremely tight load and line regulation
• Very low temperature coefficient
• Current and thermal limiting
• Unregulated DC input can withstand –
    20V reverse battery and +60V positive
    transients
• Direct replacement for SGS-ThomsonL48XX Series, but has lower ground
    current, higher accuracy of output
    voltage and extremely tight load and
    line regulation. The 5 pin version
    (adjust model) and 4 pin version (fixed
    model) have a shutdown input.
   
APPLICATIONS
• High-efficiency linear regulator
• Battery powered systems
• Portable/palm top/ notebook
    Computers
• Portable consumer equipment
• Portable instrumentation
• Automotive Electronics
• SMPS Post Regulator
   




Similar Part No. - LND48XX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LND48-ADJ ETC1-LND48-ADJ Datasheet
119Kb / 4P
   400mA Low Dropout Voltage Regulators
LND4805 ETC1-LND4805 Datasheet
119Kb / 4P
   400mA Low Dropout Voltage Regulators
LND4808 ETC1-LND4808 Datasheet
119Kb / 4P
   400mA Low Dropout Voltage Regulators
LND4809 ETC1-LND4809 Datasheet
119Kb / 4P
   400mA Low Dropout Voltage Regulators
LND4810 ETC1-LND4810 Datasheet
119Kb / 4P
   400mA Low Dropout Voltage Regulators
More results


Similar Description - LND48XX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LND4808 ETC1-LND4808 Datasheet
119Kb / 4P
   400mA Low Dropout Voltage Regulators
logo
SG Micro Corp
SG2012 SGMICRO-SG2012 Datasheet
534Kb / 9P
   400mA , Low Power, Low Dropout, Linear Regulators
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129_07 Datasheet
786Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL8550 BELLING-BL8550 Datasheet
983Kb / 6P
   400mA Low Dropout Voltage Regulator
logo
SG Micro Corp
SG2003 SGMICRO-SG2003 Datasheet
591Kb / 12P
   400mA, Low Power, Low Noise, Low Dropout, Linear Regulators
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com