Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDSL5160 Datasheet (PDF) - Vishay Siliconix

TDSL5160 Datasheet PDF - Vishay Siliconix
Part # TDSL5160
Download  TDSL5160 Download

File Size   76.07 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Current 13 mm Seven Segment Display

TDSL5160 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDSL5160 Datasheet PDF - Vishay Siliconix

Part # TDSL5160
Download  TDSL5160 Click to download

File Size   76.07 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Current 13 mm Seven Segment Display

TDSL5160 Datasheet (HTML) - Vishay Siliconix

TDSL5160 Datasheet HTML 1Page - Vishay Siliconix TDSL5160 Datasheet HTML 2Page - Vishay Siliconix TDSL5160 Datasheet HTML 3Page - Vishay Siliconix TDSL5160 Datasheet HTML 4Page - Vishay Siliconix TDSL5160 Datasheet HTML 5Page - Vishay Siliconix TDSL5160 Datasheet HTML 6Page - Vishay Siliconix TDSL5160 Datasheet HTML 7Page - Vishay Siliconix

TDSL5160 Product details

DESCRIPTION
The TDSL51.0 series are 13 mm character seven segment low current LED displays in a very compact package.
The displays are designed for a viewing distance up to 7 m and available in high efficiency red. The grey package surface and the evenly lighted untinted segments provide an optimum on-off contrast.
All displays are categorized in luminous intensity groups. That allows users to assemble displays with uniform appearence.
Typical applications include instruments, panel meters, point-of-sale terminals and household equipment.

FEATURES
• Low power consumption
• Suitable for DC and multiplex operation
• Evenly lighted segments
• Grey package surface
• Untinted segments
• Luminous intensity categorized
• Wide viewing angle
• Compliant to RoHS Directive 2002/95/EC and in accordance to WEEE 2002/96/EC

APPLICATIONS
• Panel meters
• Test- and measure-equipment
• Point-of-sale terminals
• Control units




Similar Part No. - TDSL5160

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSL5160 VISHAY-TDSL5160 Datasheet
108Kb / 6P
   Low Current 13 mm Seven Segment Display
Rev. A2, 05-Oct-00
TDSL5160 VISHAY-TDSL5160 Datasheet
144Kb / 9P
   Low Current 13 mm Seven-Segment Display
Rev. 1.5, 26-Jul-11
TDSL5160 VISHAY-TDSL5160 Datasheet
141Kb / 9P
   Low Current 13 mm 7-Segment Display DESCRIPTION The
01-Jan-2022
TDSL5160 VISHAY-TDSL5160 Datasheet
141Kb / 9P
   Low Current 13 mm 7-Segment Display
01-Jan-2023
TDSL5160-GH VISHAY-TDSL5160-GH Datasheet
144Kb / 9P
   Low Current 13 mm Seven-Segment Display
Rev. 1.5, 26-Jul-11
More results


Similar Description - TDSL5160

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSL51.0 VISHAY-TDSL51.0 Datasheet
108Kb / 6P
   Low Current 13 mm Seven Segment Display
Rev. A2, 05-Oct-00
TDSL5150 VISHAY-TDSL5150_11 Datasheet
144Kb / 9P
   Low Current 13 mm Seven-Segment Display
Rev. 1.5, 26-Jul-11
TDSR515 VISHAY-TDSR515 Datasheet
120Kb / 10P
   13 mm Seven Segment Display
Rev. A1, 02-Jun-99
logo
TEMIC Semiconductors
TDSR515 TEMIC-TDSR515 Datasheet
129Kb / 9P
   13 mm Seven Segment Display
logo
Vishay Siliconix
TDSL3150 VISHAY-TDSL3150 Datasheet
74Kb / 6P
   Low Current 10 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSL1150 VISHAY-TDSL1150 Datasheet
169Kb / 6P
   Low Current 7 mm Seven Segment Display
Rev. 1.4, 31-Aug-04
TDSL1150 VISHAY-TDSL1150_10 Datasheet
155Kb / 9P
   Low Current 7 mm Seven Segment Display
Rev. 1.5, 25-Jan-10
TDSL3150 VISHAY-TDSL3150_10 Datasheet
145Kb / 9P
   Low Current 10 mm Seven Segment Display
Rev. 1.4, 22-Jan-10
TDSR135 VISHAY-TDSR135 Datasheet
97Kb / 5P
   High Intensity 13 mm Seven Segment Display
Rev. A2, 05-Oct-00
TDSL5150 VISHAY-TDSL5150_V01 Datasheet
141Kb / 9P
   Low Current 13 mm 7-Segment Display
01-Jan-2023
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com