Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AON6718L Datasheet (PDF) - Alpha & Omega Semiconductors

AON6718L Datasheet PDF - Alpha & Omega Semiconductors
Part # AON6718L
Download  AON6718L Download

File Size   162.96 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description N-Channel Enhancement Mode Field Effect Transistor

AON6718L Datasheet (PDF)

Go To PDF Page Download Datasheet
AON6718L Datasheet PDF - Alpha & Omega Semiconductors

Part # AON6718L
Download  AON6718L Click to download

File Size   162.96 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description N-Channel Enhancement Mode Field Effect Transistor

AON6718L Datasheet (HTML) - Alpha & Omega Semiconductors

AON6718L Datasheet HTML 1Page - Alpha & Omega Semiconductors AON6718L Datasheet HTML 2Page - Alpha & Omega Semiconductors AON6718L Datasheet HTML 3Page - Alpha & Omega Semiconductors AON6718L Datasheet HTML 4Page - Alpha & Omega Semiconductors AON6718L Datasheet HTML 5Page - Alpha & Omega Semiconductors AON6718L Datasheet HTML 6Page - Alpha & Omega Semiconductors AON6718L Datasheet HTML 7Page - Alpha & Omega Semiconductors

AON6718L Product details

General Description
SRFETTM AON6718L uses advanced trench technology with a monolithically integrated Schottky diode to provide excellent RDS(ON),and low gate charge. This device is ideally suited for use as a low side switch in CPU core power conversion.

- RoHS Compliant
- Halogen Free

Features
   VDS (V) = 30V
   ID = 80A (VGS = 10V)
   RDS(ON) < 3.7mΩ (VGS = 10V)
   RDS(ON) < 5mΩ (VGS = 4.5V)

   100% UIS Tested!
   100% Rg Tested!




Similar Part No. - AON6718L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6710 AOSMD-AON6710 Datasheet
190Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
AON6712 AOSMD-AON6712 Datasheet
155Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
AON6716 AOSMD-AON6716 Datasheet
285Kb / 7P
   30V N-Channel MOSFET
More results


Similar Description - AON6718L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com