Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1896 Datasheet (PDF) - Analog Intergrations Corporation

AIC1896 Datasheet PDF - Analog Intergrations Corporation
Part # AIC1896
Download  AIC1896 Download

File Size   734.17 Kbytes
Page   15 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 1. 4MHz Thin Package Current-Mode Step-Up DC/DC Converter

AIC1896 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1896 Datasheet PDF - Analog Intergrations Corporation

Part # AIC1896
Download  AIC1896 Click to download

File Size   734.17 Kbytes
Page   15 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 1. 4MHz Thin Package Current-Mode Step-Up DC/DC Converter

AIC1896 Datasheet (HTML) - Analog Intergrations Corporation

Back Button AIC1896 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1896 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1896 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1896 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1896 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1896 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1896 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1896 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1896 Datasheet HTML 9Page - Analog Intergrations Corporation AIC1896 Datasheet HTML 10Page - Analog Intergrations Corporation Next Button 

AIC1896 Product details

DESCRIPTION

AIC1896 is a current-mode pulse-width modulation (PWM), step-up DC/DC Converter. The built-in high voltage N-channel MOSFET allows AIC1896 for step-up applications with up to 30V output voltage, as well as for Single Ended Primary Inductance Converter (SEPIC) and other low-side switching DC/DC converter.



FEATURES

Fixed Frequency 1.4MHz Current-Mode PWM Operation.

Adjustable Output Voltage up to 30V.

Guaranteed 13V/ 200mA Output with 5V Input.

2.5V to 10V Input Range.

Maximum 0.1µA Shutdown Current.

Programmable Soft-Start.

Tiny Inductor and Capacitors are allowed.

Space-Saving SOT-23-6 and TSOT-23-6 Package.



APPLICATIONS

White LED Backlight.

OLED Driver.

LCD Bias




Similar Part No. - AIC1896

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1899 AIC-AIC1899 Datasheet
232Kb / 10P
   1.0MHz Current-Mode Step-Up DC/DC Converter
AIC1899GG AIC-AIC1899GG Datasheet
232Kb / 10P
   1.0MHz Current-Mode Step-Up DC/DC Converter
AIC1899GK AIC-AIC1899GK Datasheet
232Kb / 10P
   1.0MHz Current-Mode Step-Up DC/DC Converter
AIC1899PG AIC-AIC1899PG Datasheet
232Kb / 10P
   1.0MHz Current-Mode Step-Up DC/DC Converter
AIC1899PK AIC-AIC1899PK Datasheet
232Kb / 10P
   1.0MHz Current-Mode Step-Up DC/DC Converter
More results


Similar Description - AIC1896

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM6293 HMSEMI-HM6293 Datasheet
229Kb / 4P
   current mode step-up DC-DC converter
logo
ams AG
AS1330 AMSCO-AS1330 Datasheet
1Mb / 16P
   4MHz, Low Voltage, DC-DC Step-Up Converter
logo
Analog Intergrations Co...
AIC1899 AIC-AIC1899 Datasheet
232Kb / 10P
   1.0MHz Current-Mode Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6896 SSC-SS6896 Datasheet
481Kb / 12P
   1.4MHz Current-Mode Step-Up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2561 KEXIN-RCR2561 Datasheet
227Kb / 3P
   1.0MHz Current-Mode Step-Up DC/DC Converter
logo
List of Unclassifed Man...
FP6736 ETC2-FP6736 Datasheet
442Kb / 12P
   1.4MHz SOT23 Current-Mode Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX1896 MAXIM-MAX1896 Datasheet
755Kb / 10P
   1.4MHz SOT23 Current-Mode Step-Up DC-DC Converter
MAX751 MAXIM-MAX751 Datasheet
448Kb / 12P
   5V-Output, Step-Up, Current-Mode PWM DC-DC Converter
Rev 1; 11/96
logo
AiT Semiconductor Inc.
A7545 AITSEMI-A7545 Datasheet
448Kb / 8P
   DC-DC CONVERTER/BOOST (STEP-UP) LOW-NOISE 4.5A STEP-UP CURRENT MODE PWM CONVERTER
REV1.0
A7632 AITSEMI-A7632 Datasheet
879Kb / 12P
   DC-DC CONVERTER (BOOST) 2A 28V 1.2MHz CURRENT MODE STEP-UP CONVERTER
REV2.0 - MAR 2017
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com