Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHRP1560 Datasheet (PDF) - Fairchild Semiconductor

RHRP1560 Datasheet PDF - Fairchild Semiconductor
Part # RHRP1560
Download  RHRP1560 Download

File Size   357.78 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 15A, 400V - 600V Hyperfast Diodes

RHRP1560 Datasheet (PDF)

Go To PDF Page Download Datasheet
RHRP1560 Datasheet PDF - Fairchild Semiconductor

Part # RHRP1560
Download  RHRP1560 Click to download

File Size   357.78 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 15A, 400V - 600V Hyperfast Diodes

RHRP1560 Datasheet (HTML) - Fairchild Semiconductor

RHRP1560 Datasheet HTML 1Page - Fairchild Semiconductor RHRP1560 Datasheet HTML 2Page - Fairchild Semiconductor RHRP1560 Datasheet HTML 3Page - Fairchild Semiconductor RHRP1560 Datasheet HTML 4Page - Fairchild Semiconductor RHRP1560 Datasheet HTML 5Page - Fairchild Semiconductor

RHRP1560 Product details

The RHRP1540, RHRP1560 is a hyperfast diode with soft recovery characteristics. It has the half recovery time of ultrafast diodes and is silicon nitride passivated ionimplanted epitaxial planar construction. These devices are intended to be used as freewheeling/ clamping diodes and diodes in a variety of switching power supplies and other power switching applications. Their low stored charge and hyperfast soft recovery minimize ringing and electrical noise in many power switching circuits reducing power loss in the switching transistors.

Features
• Hyperfast Recovery trr = 40 ns (@ IF = 15 A)
• Max Forward Voltage, VF = 2.1 V (@ TC = 25°C)
• 400 V, 600 V Reverse Voltage and High Reliability
• Avalanche Energy Rated
• RoHS Compliant

Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose




Similar Part No. - RHRP1560

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
RHRP1560 ISC-RHRP1560 Datasheet
299Kb / 2P
   Ultra-fast Rectifier
More results


Similar Description - RHRP1560

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRP1540 FAIRCHILD-RHRP1540 Datasheet
357Kb / 5P
   15A, 400V - 600V Hyperfast Diodes
logo
Intersil Corporation
RHRG1540CC INTERSIL-RHRG1540CC Datasheet
50Kb / 4P
   15A, 400V - 600V Hyperfast Dual Diodes
logo
Fairchild Semiconductor
RHRG1540CC FAIRCHILD-RHRG1540CC Datasheet
358Kb / 5P
   15A, 400V - 600V Hyperfast Dual Diodes
RHRD440 FAIRCHILD-RHRD440 Datasheet
353Kb / 5P
   4A, 400V - 600V Hyperfast Diodes
RHRP3040 FAIRCHILD-RHRP3040 Datasheet
341Kb / 5P
   30A, 400V - 600V Hyperfast Diodes
RHRP840 FAIRCHILD-RHRP840 Datasheet
365Kb / 5P
   8A, 400V - 600V Hyperfast Diodes
logo
Intersil Corporation
RHRP840 INTERSIL-RHRP840 Datasheet
49Kb / 4P
   8A, 400V - 600V Hyperfast Diodes
RHRU5040 INTERSIL-RHRU5040 Datasheet
57Kb / 4P
   50A, 400V - 600V Hyperfast Diodes
RHRU7540 INTERSIL-RHRU7540 Datasheet
60Kb / 4P
   75A, 400V - 600V Hyperfast Diodes
RHRG3040 INTERSIL-RHRG3040 Datasheet
46Kb / 4P
   30A, 400V - 600V Hyperfast Diodes
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com