Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM15T22CA Datasheet (PDF) - MDE Semiconductor, Inc.

SM15T22CA Datasheet PDF - MDE Semiconductor, Inc.
Part # SM15T22CA
Download  SM15T22CA Download

File Size   157.08 Kbytes
Page   3 Pages
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

SM15T22CA Datasheet (PDF)

Go To PDF Page Download Datasheet
SM15T22CA Datasheet PDF - MDE Semiconductor, Inc.

Part # SM15T22CA
Download  SM15T22CA Click to download

File Size   157.08 Kbytes
Page   3 Pages
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

SM15T22CA Datasheet (HTML) - MDE Semiconductor, Inc.

SM15T22CA Datasheet HTML 1Page - MDE Semiconductor, Inc. SM15T22CA Datasheet HTML 2Page - MDE Semiconductor, Inc. SM15T22CA Datasheet HTML 3Page - MDE Semiconductor, Inc.

SM15T22CA Product details

 VOLTAGE-6.8 TO 220 Volts

1500 Watt Peak Pulse Power



FEATURES

• For surface mounted applications in order to optimize board space

• Low profile package

• Built-in strain relief

• Glass passivated junction

• Low inductance

• Excellent clamping capability

• Repetition Rate(duty cycle):0.05%

• Typical IR less than 1mA above 10V

• High temperature soldering: 250°C/10 seconds at terminals

• Fast response time: typically less than 1.0ps from 0 Volts to BV min.



MECHANICAL DATA

Case: JEDEC DO214AB. Molded plastic over glass passivated junction

Terminal: Solder plated, solderable per MIL-STD-750, Method 2026

Polarity: Color band denotes positive end (cathode) except Bidirectional

Standard Packaging: 16mm tape(EIA STD RS-481)

Weight: 0.007ounce, 0.21gram




Similar Part No. - SM15T22CA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15T22CA STMICROELECTRONICS-SM15T22CA Datasheet
189Kb / 5P
   TRANSILTM
SM15T22CA STMICROELECTRONICS-SM15T22CA Datasheet
125Kb / 9P
   TransilTM
SM15T22CA STMICROELECTRONICS-SM15T22CA Datasheet
759Kb / 6P
   UNI-AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
February 1989
SM15T22CAY STMICROELECTRONICS-SM15T22CAY Datasheet
227Kb / 12P
   Automotive 1500 W Transil
More results


Similar Description - SM15T22CA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com