Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC1826 Datasheet (PDF) - Savantic, Inc.

2SC1826 Datasheet PDF - Savantic, Inc.
Part # 2SC1826
Download  2SC1826 Download

File Size   90.94 Kbytes
Page   3 Pages
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.
Description Silicon NPN Power Transistors

2SC1826 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC1826 Datasheet PDF - Savantic, Inc.

Part # 2SC1826
Download  2SC1826 Click to download

File Size   90.94 Kbytes
Page   3 Pages
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.
Description Silicon NPN Power Transistors

2SC1826 Datasheet (HTML) - Savantic, Inc.

2SC1826 Datasheet HTML 1Page - Savantic, Inc. 2SC1826 Datasheet HTML 2Page - Savantic, Inc. 2SC1826 Datasheet HTML 3Page - Savantic, Inc.

2SC1826 Product details

DESCRIPTION
• With TO-220 package
• Collector current :IC=4A
• Collector power dissipation
   :PC=30W@TC=25°C
  
APPLICATIONS
• For use in low frequency power
   amplifier applications




Similar Part No. - 2SC1826

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC1826 ISC-2SC1826 Datasheet
56Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC1826 SAVANTIC-2SC1826 Datasheet
92Kb / 3P
   Silicon NPN Power Transistors
More results


Similar Description - 2SC1826

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com