Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S20S60 Datasheet (PDF) - Mospec Semiconductor

S20S60 Datasheet PDF - Mospec Semiconductor
Part # S20S60
Download  S20S60 Download

File Size   245.48 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description SCHOTTKY BARRIER RECTIFIERS(20A,30-60V)

S20S60 Datasheet (PDF)

Go To PDF Page Download Datasheet
S20S60 Datasheet PDF - Mospec Semiconductor

Part # S20S60
Download  S20S60 Click to download

File Size   245.48 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description SCHOTTKY BARRIER RECTIFIERS(20A,30-60V)

S20S60 Datasheet (HTML) - Mospec Semiconductor

S20S60 Datasheet HTML 1Page - Mospec Semiconductor S20S60 Datasheet HTML 2Page - Mospec Semiconductor S20S60 Datasheet HTML 3Page - Mospec Semiconductor

S20S60 Product details

The D2PAK Power rectifier employs the Schottky Barrier principle with a Molybdenum barrier metal. These state-of-the-art devices have the following features:

* Low Forward Voltage.
* Low Switching noise.
* High Current Capacity
* Guarantee Reverse Avalanche.
* Guard-Ring for Stress Protection.
* Low Power Loss & High efficiency.
* 150℃ Operating Junction Temperature
* Low Stored Charge Majority Carrier Conduction.
* Similar Size to the Industry Standard TO-220 Pakage
* Plastic Material used Carries Underwriters Laboratory Flammability Classification 94V-O




Similar Part No. - S20S60

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S20S60CR MOSPEC-S20S60CR Datasheet
175Kb / 2P
   Schottky Barrier Rectifiers
More results


Similar Description - S20S60

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S20D30 MOSPEC-S20D30 Datasheet
328Kb / 4P
   SCHOTTKY BARRIER RECTIFIERS(20A,30-60V)
S20C30 MOSPEC-S20C30 Datasheet
258Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(20A,30-60V)
SBD2030CT MOSPEC-SBD2030CT Datasheet
54Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(20A,30-45V)
S10S30 MOSPEC-S10S30 Datasheet
219Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(10A,30-60V)
S16C30 MOSPEC-S16C30 Datasheet
229Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(16A,30-60V)
S25D30 MOSPEC-S25D30 Datasheet
249Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(25A,30-60V)
S15A30 MOSPEC-S15A30 Datasheet
235Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(15A,30-60V)
S50D30 MOSPEC-S50D30 Datasheet
257Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(50A,30-60V)
S08A30 MOSPEC-S08A30 Datasheet
235Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(8A,30-60V)
S30C30 MOSPEC-S30C30 Datasheet
256Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(30A,30-60V)
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com