Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS-112 Datasheet (PDF) - Murata Power Solutions Inc.

ADS-112 Datasheet PDF - Murata Power Solutions Inc.
Part # ADS-112
Download  ADS-112 Download

File Size   156.56 Kbytes
Page   6 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 12-Bit, 1MHz, Low-Power Sampling A/D Converters

ADS-112 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS-112 Datasheet PDF - Murata Power Solutions Inc.

Part # ADS-112
Download  ADS-112 Click to download

File Size   156.56 Kbytes
Page   6 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 12-Bit, 1MHz, Low-Power Sampling A/D Converters

ADS-112 Datasheet (HTML) - Murata Power Solutions Inc.

ADS-112 Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-112 Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-112 Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-112 Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-112 Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-112 Datasheet HTML 6Page - Murata Power Solutions Inc.

ADS-112 Product details

PRODUCT OVERVIEW
DATEL’s ADS-112 is a 12-bit, functionally complete, sampling A/D converter that is packaged in a space-saving 24-pin DDIP. Requiring ±15V and +5V supplies, a minimum sampling rate of 1MHz is achieved while only dissipating 1.3 Watts. The ADS-112 digitizes signals up to Nyquist frequencies. Models are available for use in either commercial (0 to + 70°C) or military (–55 to +125°C) operating temperature ranges.
   
FEATURES
■ 12-bit resolution
■ No missing codes
■ 1MHz minimum sampling rate
■ Functionally complete
■ Small 24-pin DDIP
■ Low-power, 1.3 Watts
■ Three-state output buffers
■ Samples to Nyquist frequencies
   




Similar Part No. - ADS-112

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
DATEL, Inc.
ADS-112-C/883 DATEL-ADS-112-C/883 Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-112-C883 DATEL-ADS-112-C883 Datasheet
106Kb / 1P
   Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-112/883 ETC-ADS-112/883 Datasheet
73Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
DATEL, Inc.
ADS-112/883 DATEL-ADS-112/883 Datasheet
106Kb / 1P
   Sampling A/D Converters
More results


Similar Description - ADS-112

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-927 ETC-ADS-927 Datasheet
150Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-951 ETC2-ADS-951 Datasheet
87Kb / 6P
   18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-951 MURATA-PS-ADS-951 Datasheet
87Kb / 6P
   18-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-917 MURATA-PS-ADS-917 Datasheet
191Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-937 ETC-ADS-937 Datasheet
194Kb / 8P
   16-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-927 MURATA-PS-ADS-927 Datasheet
152Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
C&D Technologies
ADS-941 CANDD-ADS-941 Datasheet
83Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
   16-Bit, 1MHz Sampling A/D Converters
ADS-937 MURATA-PS-ADS-937 Datasheet
740Kb / 8P
   16-Bit, 1MHz Sampling A/D Converters
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com