Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5401 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

2N5401 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # 2N5401
Download  2N5401 Download

File Size   166.71 Kbytes
Page   1 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description PNP Transistor Plastic-Encapsulate Transi stors

2N5401 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N5401 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # 2N5401
Download  2N5401 Click to download

File Size   166.71 Kbytes
Page   1 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description PNP Transistor Plastic-Encapsulate Transi stors

2N5401 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH

2N5401 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH

2N5401 Product details

PNP Transistor Plastic-Encapsulate Transistors



FEATURES

Power Dissipation

  PCM  :  0.625    W (Tamb=25 )

Collector current

  ICM   :  - 0.6     A

Collector-base voltage

  V(BR)CBO : -160   V

Operating and storage junction temperature range

  TJ, Tstg: -55℃  to +150℃

 




Similar Part No. - 2N5401

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2N5401 JIANGSU-2N5401 Datasheet
574Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Motorola, Inc
2N5401 MOTOROLA-2N5401 Datasheet
177Kb / 6P
   Amplifier Transistor(PNP Silicon)
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Unisonic Technologies
2N5401 UTC-2N5401 Datasheet
235Kb / 4P
   HIGH VOLTAGE SWITCHING TRANSISTOR
logo
Micro Commercial Compon...
2N5401 MCC-2N5401 Datasheet
437Kb / 5P
   PNP Silicon Amplifier Transistor 625mW
More results


Similar Description - 2N5401

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N4401 SECOS-2N4401 Datasheet
324Kb / 2P
   NPN Transistor Plastic-Encapsulate Transi stors
2SC2411 SECOS-2SC2411 Datasheet
230Kb / 2P
   NPN Transistor Plastic-Encapsulate Transi stors
BC327 SECOS-BC327_15 Datasheet
299Kb / 3P
   PNP Plastic-Encapsulate Transistor
BC807-16W SECOS-BC807-16W Datasheet
197Kb / 3P
   PNP Plastic Encapsulate Transistor
logo
Micro Commercial Compon...
MMBT5401 MCC-MMBT5401 Datasheet
68Kb / 2P
   PNP Plastic Encapsulate Transistor
2SA1012 MCC-2SA1012 Datasheet
213Kb / 2P
   PNP Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
BC807 SECOS-BC807 Datasheet
419Kb / 2P
   PNP Plastic Encapsulate Transistor
logo
Weitron Technology
BC869 WEITRON-BC869 Datasheet
522Kb / 3P
   PNP Plastic-Encapsulate Transistor
KTA1266 WEITRON-KTA1266 Datasheet
216Kb / 3P
   PNP Plastic-Encapsulate Transistor
BCX53 WEITRON-BCX53 Datasheet
700Kb / 3P
   PNP Plastic-Encapsulate Transistor
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com