Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC547A Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

BC547A Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # BC547A
Download  BC547A Download

File Size   183.96 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Elektronische Bauelemente

BC547A Datasheet (PDF)

Go To PDF Page Download Datasheet
BC547A Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # BC547A
Download  BC547A Click to download

File Size   183.96 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Elektronische Bauelemente

BC547A Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH

BC547A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC547A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BC547A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH

BC547A Product details

FEATURES
   Power dissipation
      PCM: 0.625 W (Tamb=25℃)
   Collector current
      ICM: 0.1 A
   Collector-base voltage
      VCBO: BC546 80 V
                  BC547 50 V
                  BC548 30 V
   Operating and storage junction temperature range
      TJ, Tstg: -55℃ to +150℃




Similar Part No. - BC547A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC547A MOTOROLA-BC547A Datasheet
193Kb / 6P
   Amplifier Transistors
logo
Weitron Technology
BC547A WEITRON-BC547A Datasheet
1Mb / 5P
   NPN General Purpose Transistor
logo
ON Semiconductor
BC547A ONSEMI-BC547A Datasheet
140Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
Micro Commercial Compon...
BC547A MCC-BC547A Datasheet
301Kb / 5P
   NPN Silicon Amplifier Transistor 625mW
logo
Siemens Semiconductor G...
BC547A SIEMENS-BC547A Datasheet
210Kb / 6P
   NPN Silicon Transistors
More results


Similar Description - BC547A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BC556 SECOS-BC556_15 Datasheet
314Kb / 3P
   Elektronische Bauelemente
BC846A SECOS-BC846A_15 Datasheet
307Kb / 3P
   Elektronische Bauelemente
BC856A SECOS-BC856A_15 Datasheet
263Kb / 3P
   Elektronische Bauelemente
BC856AW SECOS-BC856AW_15 Datasheet
449Kb / 5P
   Elektronische Bauelemente
BC556 SECOS-BC556 Datasheet
313Kb / 3P
   Elektronische Bauelemente
3DD13003B SECOS-3DD13003B Datasheet
523Kb / 2P
   NPN Plastic-Encapsulated Elektronische Bauelemente Transistor
KTC1027 SECOS-KTC1027_15 Datasheet
57Kb / 1P
   NPN Plastic Encapsulated Elektronische Bauelemente Transistor
BCPA1666 SECOS-BCPA1666_15 Datasheet
78Kb / 1P
   PNP Plastic Encapsulated Elektronische Bauelemente Transistor
SMS2321 SECOS-SMS2321 Datasheet
223Kb / 3P
   P-Channel Elektronische Bauelemente Enhancement MOSFET
MPSA55 SECOS-MPSA55_15 Datasheet
66Kb / 1P
   PNP Plastic Encapsulated Elektronische Bauelemente Transistor
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com