Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U08A50 Datasheet (PDF) - Mospec Semiconductor

U08A50 Datasheet PDF - Mospec Semiconductor
Part # U08A50
Download  U08A50 Download

File Size   134.52 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description FAST RECTIFIERS(8A,300-600V)

U08A50 Datasheet (PDF)

Go To PDF Page Download Datasheet
U08A50 Datasheet PDF - Mospec Semiconductor

Part # U08A50
Download  U08A50 Click to download

File Size   134.52 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description FAST RECTIFIERS(8A,300-600V)

U08A50 Datasheet (HTML) - Mospec Semiconductor

U08A50 Datasheet HTML 1Page - Mospec Semiconductor U08A50 Datasheet HTML 2Page - Mospec Semiconductor

U08A50 Product details

Ultra Fast Recovery Rectifier Diodes

... Designed for use in switching power supplies. inverters and as free wheeling diodes. These stat-of-the-art device have the following features:

* High Surge Capacity
* Low Power Loss, High efficiency
* Glass passivated chip junctions
* 150℃ Operating Junction Temperature
* Low Stored Charge Majority Carrier Conduction
* Low Forward Voltage, High Current Capacity
* High-Switching Speed 50 Nanosecond Recovery Time
* Plastic Material used Carries Underwriters Laboratory Flammability Classification 94V-O




Similar Part No. - U08A50

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
U08A50PT CHENMKO-U08A50PT Datasheet
74Kb / 2P
   ULTRA FAST RECTIFIER
More results


Similar Description - U08A50

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
F08A30 MOSPEC-F08A30 Datasheet
130Kb / 2P
   FAST RECOVERY RECRIFIERS(8A,300-600V)
H08A30 MOSPEC-H08A30 Datasheet
137Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(8A,300-600V)
logo
Shindengen Electric Mfg...
SF8L60 SHINDENGEN-SF8L60 Datasheet
375Kb / 6P
   Super Fast Recovery Rectifiers(600V 8A)
D8L60 SHINDENGEN-D8L60 Datasheet
446Kb / 7P
   Super Fast Recovery Rectifiers(600V 8A)
logo
Mospec Semiconductor
U10A30 MOSPEC-U10A30 Datasheet
135Kb / 2P
   FAST RECTIFIERS(10A,300-600V)
U15A30 MOSPEC-U15A30 Datasheet
136Kb / 2P
   FAST RECTIFIERS(15A,300-600V)
logo
KODENSHI_AUK CORP.
SF8A600H KODENSHI-SF8A600H Datasheet
285Kb / 5P
   600V, 8A ULTRAFAST RECOVERY RECTIFIERS
SF8A600H-1 KODENSHI-SF8A600H-1 Datasheet
285Kb / 5P
   600V, 8A ULTRAFAST RECOVERY RECTIFIERS
logo
NTE Electronics
NTE598 NTE-NTE598 Datasheet
18Kb / 2P
   Silicon Rectifier Ultra Fast, 600V, 8A
logo
Mospec Semiconductor
U06C30 MOSPEC-U06C30 Datasheet
141Kb / 2P
   POWER RECTIFIERS(6.0A,300-600V)
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com