Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF102S Datasheet (PDF) - MicroPower Direct, LLC

LF102S Datasheet PDF - MicroPower Direct, LLC
Part # LF102S
Download  LF102S Download

File Size   477.95 Kbytes
Page   4 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Ultra-Miniature, 1W Single Output SMT DC/DC Converters

LF102S Datasheet (PDF)

Go To PDF Page Download Datasheet
LF102S Datasheet PDF - MicroPower Direct, LLC

Part # LF102S
Download  LF102S Click to download

File Size   477.95 Kbytes
Page   4 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Ultra-Miniature, 1W Single Output SMT DC/DC Converters

LF102S Datasheet (HTML) - MicroPower Direct, LLC

LF102S Datasheet HTML 1Page - MicroPower Direct, LLC LF102S Datasheet HTML 2Page - MicroPower Direct, LLC LF102S Datasheet HTML 3Page - MicroPower Direct, LLC LF102S Datasheet HTML 4Page - MicroPower Direct, LLC

LF102S Product details

Key Features:

• 1W Output Power

• Ultra-Miniature SMT Case

• 1,000 VDC Isolation

• 5V, 12V & 24V Inputs

• -40ºC to +85ºC Operation

• 15 Standard Models

• 2.0 MH MTBF Minimum

• Industry Standard Pin-Out



 




Similar Part No. - LF102S

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LF102SI MPD-LF102SI Datasheet
218Kb / 2P
   High Isolation, 1W Single Output SMT DC/DC Converters
More results


Similar Description - LF102S

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LF100D MPD-LF100D Datasheet
542Kb / 4P
   Ultra-Miniature, 1W Dual Output SMT DC/DC Converters
LF100ES MPD-LF100ES Datasheet
235Kb / 2P
   Lowest Cost, Single Output 1W Ultra-Miniature SMT DC/DC Converters
logo
Minmax Technology Co., ...
MFU100 MINMAX-MFU100 Datasheet
156Kb / 6P
   1W, Ultra-Miniature, High Isolation, Single Output DC/DC Converters
logo
MicroPower Direct, LLC
ML200SE MPD-ML200SE Datasheet
578Kb / 2P
   2W, Single Output Ultra-Miniature SMT DC/DC Converters
LF200S MPD-LF200S Datasheet
240Kb / 2P
   Ultra-Miniature, 2W Single Output SMT DC/DC Converters
logo
Minmax Technology Co., ...
MSAU100 MINMAX-MSAU100 Datasheet
237Kb / 8P
   1W, Miniature SMD, Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TKA-A TOPPOWER-TKA-A_17 Datasheet
460Kb / 3P
   1W 3KVDC Isolated Miniature Single Output DC/DC Converters
logo
Minmax Technology Co., ...
MSLU100 MINMAX-MSLU100 Datasheet
196Kb / 8P
   1W, Miniature SMD, Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NKE0303DC MURATA-NKE0303DC Datasheet
226Kb / 7P
   Isolated Sub-Miniature 1W Single Output DC/DC Converters
logo
MicroPower Direct, LLC
D100 MPD-D100 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com