Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR5000W Datasheet (PDF) - MicroPower Direct, LLC

LR5000W Datasheet PDF - MicroPower Direct, LLC
Part # LR5000W
Download  LR5000W Download

File Size   234.17 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Ultra-Miniature, SMT 50W, Wide Input Range POL Switching Regulator

LR5000W Datasheet (PDF)

Go To PDF Page Download Datasheet
LR5000W Datasheet PDF - MicroPower Direct, LLC

Part # LR5000W
Download  LR5000W Click to download

File Size   234.17 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Ultra-Miniature, SMT 50W, Wide Input Range POL Switching Regulator

LR5000W Datasheet (HTML) - MicroPower Direct, LLC

LR5000W Datasheet HTML 1Page - MicroPower Direct, LLC LR5000W Datasheet HTML 2Page - MicroPower Direct, LLC



Similar Part No. - LR5000W

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LR500Z SEOUL-LR500Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
More results


Similar Description - LR5000W

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
SR5000W MPD-SR5000W Datasheet
241Kb / 2P
   Ultra-Miniature, SIP 50W, Wide Input Range POL Switching Regulator
SRU7805W MPD-SRU7805W Datasheet
411Kb / 2P
   Ultra-Wide Input, 0.5A Non-isolated POL Switching Regulators
LF200RW MPD-LF200RW Datasheet
174Kb / 2P
   Miniature SMT, 2W Wide Input Range DC/DC Converters
logo
Wall Industries,Inc.
MRW20 WALL-MRW20 Datasheet
626Kb / 9P
   Ultra-Wide Input Range
logo
ON Semiconductor
NCP4641 ONSEMI-NCP4641 Datasheet
339Kb / 14P
   Wide Input Range, Voltage Regulator
October, 2014 ??Rev. 1
logo
MORNSUN Science& Techno...
URB1D05YMD-6WR3 MORNSUN-URB1D05YMD-6WR3 Datasheet
2Mb / 7P
   Ultra wide input voltage range
PV15-29B05 MORNSUN-PV15-29B05 Datasheet
1Mb / 6P
   Ultra wide input voltage range
PV45-29D1515-15 MORNSUN-PV45-29D1515-15 Datasheet
951Kb / 4P
   Ultra wide input voltage range
URB1D03LMD-15WR3 MORNSUN-URB1D03LMD-15WR3 Datasheet
3Mb / 9P
   Ultra wide input voltage range
logo
Bel Fuse Inc.
RCM60 BEL-RCM60 Datasheet
2Mb / 16P
   Ultra-wide input voltage range
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com