Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4102 Datasheet (PDF) - SEMTECH ELECTRONICS LTD.

1N4102 Datasheet PDF - SEMTECH ELECTRONICS LTD.
Part # 1N4102
Download  1N4102 Download

File Size   212.41 Kbytes
Page   3 Pages
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.
Description SILICON PLANAR LOW NOISE ZENER DIODES

1N4102 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4102 Datasheet PDF - SEMTECH ELECTRONICS LTD.

Part # 1N4102
Download  1N4102 Click to download

File Size   212.41 Kbytes
Page   3 Pages
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.
Description SILICON PLANAR LOW NOISE ZENER DIODES

1N4102 Datasheet (HTML) - SEMTECH ELECTRONICS LTD.

1N4102 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 1N4102 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 1N4102 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.

1N4102 Product details

FEATURES

• Low noise

• Low reverse leakage




Similar Part No. - 1N4102

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4102 CDI-DIODE-1N4102 Datasheet
98Kb / 2P
   LOW CURRENT OPERATION AT 250 uA
logo
Micro Commercial Compon...
1N4102 MCC-1N4102 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
logo
Knox Semiconductor, Inc
1N4102 KNOX-1N4102 Datasheet
37Kb / 1P
   LOW LEVEL ZENER DIODES LOW CURRENT: 250關A - LOW NOISE
logo
Microsemi Corporation
1N4102 MICROSEMI-1N4102 Datasheet
86Kb / 2P
   SILICON 500mA LOW NOISE ZENER DIODES
1N4102 MICROSEMI-1N4102 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
More results


Similar Description - 1N4102

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMBZ4617 VISHAY-MMBZ4617 Datasheet
29Kb / 2P
   Silicon Planar Low Noise Zener Diodes.
01-May-02
logo
Renesas Technology Corp
HZK-LL RENESAS-HZK-LL Datasheet
46Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Hard Knee Low Noise
logo
Microsemi Corporation
1N4099 MICROSEMI-1N4099 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
1N4099-1 MICROSEMI-1N4099-1 Datasheet
86Kb / 2P
   SILICON 500mA LOW NOISE ZENER DIODES
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
More results




About SEMTECH ELECTRONICS LTD.


Semtech Corporation is an American technology company that specializes in the design and manufacture of analog and mixed-signal semiconductors.

The company was founded in 1960 and has its headquarters in Camarillo, California.

Semtech provides a wide range of products for use in communications, computing, industrial, and consumer applications.

The company is known for its innovative technology and high-quality products, and it has a strong reputation in the semiconductor industry.

Semtech operates globally and has a presence in many countries around the world, serving customers in a variety of industries.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com