Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ8 Datasheet (PDF) - American Zettler, Inc.

AZ8 Datasheet PDF - American Zettler, Inc.
Part # AZ8
Download  AZ8 Download

File Size   158.04 Kbytes
Page   4 Pages
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.
Description MINIATURE PC BOARD RELAY

AZ8 Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ8 Datasheet PDF - American Zettler, Inc.

Part # AZ8
Download  AZ8 Click to download

File Size   158.04 Kbytes
Page   4 Pages
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.
Description MINIATURE PC BOARD RELAY

AZ8 Datasheet (HTML) - American Zettler, Inc.

AZ8 Datasheet HTML 1Page - American Zettler, Inc. AZ8 Datasheet HTML 2Page - American Zettler, Inc. AZ8 Datasheet HTML 3Page - American Zettler, Inc. AZ8 Datasheet HTML 4Page - American Zettler, Inc.

AZ8 Product details

FEATURES

• Subminiature size

• High sensitivity, 110 mW pickup

• Coils to 48 VDC

• Hermetically sealed version available

• Epoxy sealed for automatic wave soldering

• Contacts rated at 3, 6 or 10 Amps

• Withstands 6 kV IEEE Lightning Surge (special order)

• Class B insulation (130°C) standard

• Class F insulation (155°C) version available

• UL, CUR file E44211

• VDE approved versions available (Class A Insulation only)



 




Similar Part No. - AZ8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ8 ETC1-AZ8 Datasheet
161Kb / 4P
   MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ8 ZETTLER-AZ8 Datasheet
53Kb / 4P
   Kontaktbestuckung wahlweise: 1 Schlie횩er, 1 Wechsler
logo
List of Unclassifed Man...
AZ8-1C-12D ETC1-AZ8-1C-12D Datasheet
161Kb / 4P
   MINIATURE PC BOARD RELAY
AZ8-1C-12DE ETC1-AZ8-1C-12DE Datasheet
161Kb / 4P
   MINIATURE PC BOARD RELAY
AZ8-1C-24D ETC1-AZ8-1C-24D Datasheet
161Kb / 4P
   MINIATURE PC BOARD RELAY
More results


Similar Description - AZ8

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ941 AZETTLER-AZ941 Datasheet
70Kb / 2P
   MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ941 ZETTLER-AZ941 Datasheet
103Kb / 2P
   MINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ8 ETC1-AZ8 Datasheet
161Kb / 4P
   MINIATURE PC BOARD RELAY
AZ941 ETC-AZ941 Datasheet
54Kb / 2P
   MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ946 AZETTLER-AZ946 Datasheet
95Kb / 2P
   MINIATURE PC BOARD RELAY
AZ991 AZETTLER-AZ991 Datasheet
85Kb / 2P
   MINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ991 ETC2-AZ991 Datasheet
77Kb / 2P
   MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ946 ZETTLER-AZ946_14 Datasheet
43Kb / 2P
   MINIATURE PC BOARD RELAY
AZ946 ZETTLER-AZ946 Datasheet
63Kb / 2P
   MINIATURE PC BOARD RELAY
logo
Tyco Electronics
TSC MACOM-TSC Datasheet
87Kb / 2P
   Miniature, Sealed PC Board Relay
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com