Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B-15-155-T-SSC4AGR Datasheet (PDF) - Source Photonics, Inc.

B-15-155-T-SSC4AGR Datasheet PDF - Source Photonics, Inc.
Part # B-15-155-T-SSC4AGR
Download  B-15-155-T-SSC4AGR Download

File Size   639.55 Kbytes
Page   8 Pages
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.
Description 155 Mbps Bi-directional Receptacle Single Fiber Transceiver

B-15-155-T-SSC4AGR Datasheet (PDF)

Go To PDF Page Download Datasheet
B-15-155-T-SSC4AGR Datasheet PDF - Source Photonics, Inc.

Part # B-15-155-T-SSC4AGR
Download  B-15-155-T-SSC4AGR Click to download

File Size   639.55 Kbytes
Page   8 Pages
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.
Description 155 Mbps Bi-directional Receptacle Single Fiber Transceiver

B-15-155-T-SSC4AGR Datasheet (HTML) - Source Photonics, Inc.

B-15-155-T-SSC4AGR Datasheet HTML 1Page - Source Photonics, Inc. B-15-155-T-SSC4AGR Datasheet HTML 2Page - Source Photonics, Inc. B-15-155-T-SSC4AGR Datasheet HTML 3Page - Source Photonics, Inc. B-15-155-T-SSC4AGR Datasheet HTML 4Page - Source Photonics, Inc. B-15-155-T-SSC4AGR Datasheet HTML 5Page - Source Photonics, Inc. B-15-155-T-SSC4AGR Datasheet HTML 6Page - Source Photonics, Inc. B-15-155-T-SSC4AGR Datasheet HTML 7Page - Source Photonics, Inc. B-15-155-T-SSC4AGR Datasheet HTML 8Page - Source Photonics, Inc.

B-15-155-T-SSC4AGR Product details

Features
• Diplexer Single Mode Single Fiber 1x9 SC/FC/ST Receptacle Connector
• Wavelength Tx 1310 nm/Rx 1530 nm
• SONET OC-3 SDH STM-1 Compliant
• Single +5V/+3.3V Power Supply
• PECL/LVPECL Differential Inputs and Output [B-13/15-155-T(3)-Sxx3(4)]
• TTL/LVTTL Differential Inputs and Output [B-13/15-155C-T(3)-Sxx3(4)]
• Wave Solderable and Aqueous Washable
• LED Multisourced 1x9 Transceiver Interchangeable
• Class 1 Laser Int. Safety Standard IEC 825 Compliant
• Uncooled Laser diode with MQW structure
• Complies with Telcordia (Bellcore) GR-468-CORE
• RoHS compliance available




Similar Part No. - B-15-155-T-SSC4AGR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B-15-155-T-SSC4 ETC2-B-15-155-T-SSC4 Datasheet
1Mb / 7P
   155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
More results


Similar Description - B-15-155-T-SSC4AGR

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
B-13-155-TDFB-SSC5-40 SOURCE-B-13-155-TDFB-SSC5-40 Datasheet
579Kb / 7P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-15-13-155-T-SSC5 SOURCE-B-15-13-155-T-SSC5 Datasheet
639Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-15-155-TDFB-SSC5-G5 SOURCE-B-15-155-TDFB-SSC5-G5 Datasheet
640Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-13-155-T-SSC5-40 SOURCE-B-13-155-T-SSC5-40 Datasheet
579Kb / 7P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-13-155-TPM3-S SOURCE-B-13-155-TPM3-S Datasheet
1Mb / 6P
   155 Mbps Bi-directional Single Fiber Transceiver
B-13-155-TPM-S SOURCE-B-13-155-TPM-S Datasheet
920Kb / 5P
   155 Mbps Bi-directional Single Fiber Transceiver
B-15-155-TPM3-S SOURCE-B-15-155-TPM3-S Datasheet
1Mb / 6P
   155 Mbps Bi-directional Single Fiber Transceiver
B-15-155-TPM-S SOURCE-B-15-155-TPM-S Datasheet
728Kb / 5P
   155 Mbps Bi-directional Single Fiber Transceiver
B-15-13-155S-TPM3-SSC4-54 SOURCE-B-15-13-155S-TPM3-SSC4-54 Datasheet
549Kb / 7P
   155 Mbps Bi-directional Single Fiber Transceiver
logo
List of Unclassifed Man...
B-15-155-T-SSC4 ETC2-B-15-155-T-SSC4 Datasheet
1Mb / 7P
   155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com