Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSA16U-480 Datasheet (PDF) - Phihong USA Inc.

PSA16U-480 Datasheet PDF - Phihong USA Inc.
Part # PSA16U-480
Download  PSA16U-480 Download

File Size   116.22 Kbytes
Page   3 Pages
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.
Description Single Port 15.4W Power Over Ethernet Adapter

PSA16U-480 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSA16U-480 Datasheet PDF - Phihong USA Inc.

Part # PSA16U-480
Download  PSA16U-480 Click to download

File Size   116.22 Kbytes
Page   3 Pages
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.
Description Single Port 15.4W Power Over Ethernet Adapter

PSA16U-480 Datasheet (HTML) - Phihong USA Inc.

PSA16U-480 Datasheet HTML 1Page - Phihong USA Inc. PSA16U-480 Datasheet HTML 2Page - Phihong USA Inc. PSA16U-480 Datasheet HTML 3Page - Phihong USA Inc.



Similar Part No. - PSA16U-480

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA16U-480 PHIHONG-PSA16U-480_14 Datasheet
77Kb / 3P
   Single Port 15.4W Power over Ethernet Adapter
More results


Similar Description - PSA16U-480

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA16U-480 PHIHONG-PSA16U-480_14 Datasheet
77Kb / 3P
   Single Port 15.4W Power over Ethernet Adapter
POE75U PHIHONG-POE75U Datasheet
147Kb / 4P
   75W Power over Ethernet Adapter Ultra Power over Ethernet Single Port Injector
POE16R-1AF PHIHONG-POE16R-1AF Datasheet
79Kb / 3P
   Single Port Power over Ethernet Wall Plug Adapter
POE16R-560 PHIHONG-POE16R-560 Datasheet
80Kb / 2P
   Single Port 16W Power over Ethernet Wall Plug Adapter
POE36U-1AT-R PHIHONG-POE36U-1AT-R Datasheet
300Kb / 6P
   33.6W Power over Ethernet Adapter High Power Single Port Injector
Revision 12/11/2018
POE60U-560G-14 PHIHONG-POE60U-560G-14 Datasheet
78Kb / 3P
   60W Power over Ethernet Adapter Ultra Power Single Port Injector
POE20D-1AF PHIHONG-POE20D-1AF_18 Datasheet
393Kb / 4P
   19.6W Power over Ethernet Adapter DC Input Single Port Injector
POE36D-1AT PHIHONG-POE36D-1AT_18 Datasheet
331Kb / 4P
   33.6W Power over Ethernet Adapter DC Input High Power Single Port Injector
POE30U-560GHT PHIHONG-POE30U-560GHT_18 Datasheet
351Kb / 4P
   30W Power over Ethernet Adapter High Power, High Temperature Single Port Injector
POE36D-1AT PHIHONG-POE36D-1AT Datasheet
184Kb / 3P
   33.6W Power over Ethernet Adapter
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com