Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

75800-0001 Datasheet (PDF) - Molex Electronics Ltd.

75800-0001 Datasheet PDF - Molex Electronics Ltd.
Part # 75800-0001
Download  75800-0001 Download

File Size   186.42 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description 0.75mm (.030?? Pitch AMC.0 B 170-Circuit Connectors

75800-0001 Datasheet (PDF)

Go To PDF Page Download Datasheet
75800-0001 Datasheet PDF - Molex Electronics Ltd.

Part # 75800-0001
Download  75800-0001 Click to download

File Size   186.42 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description 0.75mm (.030?? Pitch AMC.0 B 170-Circuit Connectors

75800-0001 Datasheet (HTML) - Molex Electronics Ltd.

75800-0001 Datasheet HTML 1Page - Molex Electronics Ltd. 75800-0001 Datasheet HTML 2Page - Molex Electronics Ltd.



Similar Part No. - 75800-0001

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
7580031 FIBOX-7580031 Datasheet
84Kb / 2P
   Enclosure, ABS
19.01.2023
7580032 FIBOX-7580032 Datasheet
78Kb / 2P
   Enclosure, ABS
19.01.2023
7580080 FIBOX-7580080 Datasheet
454Kb / 2P
   Enclosure, ABS
19.01.2023
7580081 FIBOX-7580081 Datasheet
80Kb / 2P
   Enclosure, ABS
19.01.2023
More results


Similar Description - 75800-0001

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
030-6806-0 PULSE-030-6806-0 Datasheet
60Kb / 1P
   030-6806-0
logo
Molex Electronics Ltd.
0621005700 MOLEX-0621005700 Datasheet
26Kb / 1P
   AMC B Removal Tool
05/10/2021
logo
List of Unclassifed Man...
AMC-8100 ETC2-AMC-8100 Datasheet
304Kb / 2P
   AMC.0 Single-width, Mid-size
ATCA-9300 ETC2-ATCA-9300 Datasheet
272Kb / 1P
   Single AMC.0 Mid-size bays
AMC-7000 ETC2-AMC-7000 Datasheet
211Kb / 1P
   AMC.0 Single-width, Mid-size
ATCA-6105 ETC2-ATCA-6105 Datasheet
643Kb / 2P
   Single AMC.0 Mid-size bay
ATCA-6900 ETC2-ATCA-6900 Datasheet
379Kb / 2P
   Dual AMC.0 Mid-size bays
logo
Molex Electronics Ltd.
0622023050 MOLEX11-0622023050 Datasheet
28Kb / 1P
   Extraction Tool for Backstack-240 0.75mm Pitch Connectors
1050278001 MOLEX11-1050278001 Datasheet
184Kb / 4P
   1.10mm(.043"), 0.75mm(.030"), 0.70mm(.028") Pitch microSD Card Header with Detect Switch (VDD), Height 1.70mm
0622023050 MOLEX-0622023050 Datasheet
30Kb / 1P
   Extraction Tool for Backstack-240 0.75mm Pitch Connectors
11/02/2021
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com